Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4249 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4249
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4249 Datasheet(HTML) 4 Page - Analog Devices

  LTC4249 Datasheet HTML 1Page - Analog Devices LTC4249 Datasheet HTML 2Page - Analog Devices LTC4249 Datasheet HTML 3Page - Analog Devices LTC4249 Datasheet HTML 4Page - Analog Devices LTC4249 Datasheet HTML 5Page - Analog Devices LTC4249 Datasheet HTML 6Page - Analog Devices LTC4249 Datasheet HTML 7Page - Analog Devices LTC4249 Datasheet HTML 8Page - Analog Devices LTC4249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4249
4
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The LTC4249 is tested under pulsed load conditions such that
TJ ≈ TA. The junction temperature (TJ in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD in Watts) according to
the formula:
TJ = TA + (PD • θJA).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ready Outputs (RDY1 and RDY2)
VOL
Output Low Voltage
IRDY = 3mA
l
50
150
mV
IOH
Open-Drain Output High Leakage Current
RDY = 5V
l
1
µA
tCOOL
ECB Cool-Down Time after Fault
l
0.8
1
1.2
s
INTVCC Output
VCCOR
INTVCC Operating Range
Decoupled with 0.1µF to GND
l
3.7
4.2
4.7
V
ELECTRICAL CHARACTERISTICS The
l
denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 52V and RIMON = 10kΩ unless otherwise specified.
Note 4: The LTC4249 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: These pins can be pulled below –0.3V through a resistor that limits
the current below 1mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com