Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4249 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4249
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4249 Datasheet(HTML) 2 Page - Analog Devices

  LTC4249 Datasheet HTML 1Page - Analog Devices LTC4249 Datasheet HTML 2Page - Analog Devices LTC4249 Datasheet HTML 3Page - Analog Devices LTC4249 Datasheet HTML 4Page - Analog Devices LTC4249 Datasheet HTML 5Page - Analog Devices LTC4249 Datasheet HTML 6Page - Analog Devices LTC4249 Datasheet HTML 7Page - Analog Devices LTC4249 Datasheet HTML 8Page - Analog Devices LTC4249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC4249
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltages
IN1, IN2.................................................. –0.3V to 72V
EN1, EN2 (Note 5)................................. –0.3V to 5.5V
Output Voltages
OUT1, OUT2........................................... –0.3V to 72V
RDY1, RDY2.......................................... –0.3V to 5.5V
IMON1, IMON2...................................... –0.3V to 2.7V
INTVCC.................................................. –0.3V to 5.5V
(Notes 1, 2, 3, 4)
17
GND
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
EN1
IMON1
IMON2
EN2
RDY1
INTVCC
GND
RDY2
TOP VIEW
LQFN PACKAGE
16-LEAD (3mm × 3mm × 0.95mm)
θJC = 10°C/W, θJA = 40°C/W
EXPOSED PAD (PIN 17) IS GND, CONNECT TO PCB THERMAL PLANE
21
GND
15
14
13
12
2
3
4
5
20
17
7
10
EN1
IMON1
IMON2
EN2
RDY1
INTVCC
GND
RDY2
TOP VIEW
LQFN PACKAGE
20(12)-LEAD (3mm × 4mm × 0.95mm)
θJC = 10°C/W, θJA = 40°C/W
EXPOSED PAD (PIN 21) IS GND, CONNECT TO PCB THERMAL PLANE.
INCREASED SPACING TO IN AND OUT FOR HIGH VOLTAGE CLEARANCE
ORDER INFORMATION
TRAY
PART MARKING
PACKAGE DESCRIPTION
FAULT RESPONSE
TEMPERATURE RANGE
LTC4249AV-1#PBF
LHMZ
16-Lead (3mm × 3mm × 0.95mm) LQFN Package
Latch Off
–40°C to 125°C
LTC4249AV2-1#PBF
4249
20(12)-Lead (3mm × 4mm × 0.95mm) LQFN Package
Latch Off
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Input Currents
IN1, IN2...................................................................3A
Output Currents
OUT1, OUT2..........................................................–3A
RDY1, RDY2 ......................................................10mA
IMON1, IMON2...................................................–1mA
Operating Junction Temperature Range
LTC4249A .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com