Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0201CSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0201CSF
Description  Wire-wound Chip Inductors - Open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0201CSF Datasheet(HTML) 1 Page - Central Technologies

  CT0201CSF Datasheet HTML 1Page - Central Technologies CT0201CSF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2016 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 12.20.16
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0201CSF
Series
From 0.5nH to 14nH
SPECIFICATIONS
Test
SRF
DCR
Irms
Part
Inductance
Tolerance
Freq.
Q
Typ.
Max.
Typ.
Number
(nH)
(±%)
(MHz)
Min.
(GHz)
(W)
(mA)
CT0201CSF-0N5K
0.5
10
250
4
23.5
0.02
1250
CT0201CSF-0N6K
0.6
10
250
6
24.5
0.03
1000
CT0201CSF-1N2J
1.2
5
250
13
17.9
0.042
870
CT0201CSF-1N3J
1.3
5
250
11
17.6
0.048
820
CT0201CSF-1N4J
1.4
5
250
14
17
0.08
630
CT0201CSF-1N5J
1.5
5
250
11
17
0.09
600
CT0201CSF-2N2J
2.2
5
250
15
16.7
0.07
700
CT0201CSF-2N3J
2.3
5
250
18
16.5
0.07
670
CT0201CSF-2N4J
2.4
5
250
13
13
0.082
620
CT0201CSF-2N5J
2.5
5
250
16
12.5
0.165
440
CT0201CSF-3N3J
3.3
5
250
14
12.8
0.08
630
CT0201CSF-3N4J
3.4
5
250
11
12.7
0.08
630
CT0201CSF-3N5J
3.5
5
250
16
12.4
0.08
630
CT0201CSF-3N6J
3.6
5
250
18
12.5
0.105
550
CT0201CSF-3N7J
3.7
5
250
15
10.6
0.105
550
CT0201CSF-3N8J
3.8
5
250
16
10.2
0.18
420
CT0201CSF-3N9J
3.9
5
250
12
11.2
0.24
360
CT0201CSF-4N8J
4.8
5
250
17
11
0.096
570
CT0201CSF-4N9J
4.9
5
250
18
11.7
0.13
510
CT0201CSF-5N0J
5.0
5
250
18
11.5
0.13
510
CT0201CSF-5N1J
5.1
5
250
18
11.1
0.13
510
CT0201CSF-5N2J
5.2
5
250
18
10
0.17
430
CT0201CSF-5N3J
5.3
5
250
18
10.6
0.13
510
CT0201CSF-5N4J
5.4
5
250
18
10.2
0.13
510
CT0201CSF-5N5J
5.5
5
250
16
9.5
0.285
330
CT0201CSF-6N7J
6.7
5
250
18
6.8
0.15
460
CT0201CSF-6N8J
6.8
5
250
18
9.5
0.15
460
CT0201CSF-6N9J
6.9
5
250
18
9.3
0.15
460
CT0201CSF-7N0J
7.0
5
250
18
6.7
0.21
390
CT0201CSF-7N1J
7.1
5
250
18
9.5
0.25
390
CT0201CSF-7N2J
7.2
5
250
18
9.4
0.25
390
CT0201CSF-7N3J
7.3
5
250
18
9.3
0.25
390
CT0201CSF-7N4J
7.4
5
250
18
9.1
0.25
390
CT0201CSF-7N5J
7.5
5
250
15
6.8
0.34
300
CT0201CSF-7N6J
7.6
5
250
17
9.3
0.3
340
CT0201CSF-7N7J
7.7
5
250
17
9.2
0.3
340
CT0201CSF-7N8J
7.8
5
250
17
9.2
0.3
340
CT0201CSF-7N9J
7.9
5
250
17
9.1
0.3
340
CT0201CSF-8N0J
8.0
5
250
17
9.2
0.3
340
CT0201CSF-8N1J
8.1
5
250
17
9.1
0.3
340
CT0201CSF-8N2J
8.2
5
250
17
6.4
0.27
340
CT0201CSF-8N3J
8.3
5
250
17
8.9
0.3
340
CT0201CSF-8N4J
8.4
5
250
15
8.9
0.38
300
CT0201CSF-8N5J
8.5
5
250
15
8.9
0.38
300
CT0201CSF-8N7J
8.7
5
250
15
6.3
0.38
300
CT0201CSF-9N0J
9.0
5
250
15
6.4
0.38
300
CT0201CSF-9N4J
9.4
5
250
16
6.4
0.4
280
CT0201CSF-9N6J
9.6
5
250
16
6.2
0.4
280
CT0201CSF-11NJ
11
5
250
16
5.7
0.44
280
CT0201CSF-12NJ
12
5
250
17
5.6
0.36
300
CT0201CSF-13NJ
13
5
250
16
6.7
0.5
270
CT0201CSF-14NJ
14
5
250
16
5.1
0.5
270
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ceramic core wire-wound chip inductor.
Applications: RF products for cellular phone, GPS receiver,
Base Station, Repeater, Wireless LAN/mouse/keyboard/
earphone, Remote control, Security system; etc.
Operating Temperature: -40°C to +125°C (including self -
temperature rise)
Testing: Inductance and Q tested on Agilent E4991A+Agilent
HP16197A
Irms: For a 15°C temperature rise from 25°C ambient with
current.
Packaging: Tape & Reel.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
C
B
E
E
D
Terminal
Overall
0.46
(0.018)
0.18
(0.007)
0.18
(0.007)
0.23
(0.009)
A
B
C
D
E
Max.
Max.
Max.
0.58
0.46
0.45
0.38
0.1
0.023
0.018
0.018
0.015
0.004
Size
mm
inches
Unit: mm
(inch)


Similar Part No. - CT0201CSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CT0201HQF-0N6 CT-CT0201HQF-0N6 Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CT0201HQF-0N7 CT-CT0201HQF-0N7 Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CT0201HQF-0N8 CT-CT0201HQF-0N8 Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
More results

Similar Description - CT0201CSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com