Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0805LDLSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0805LDLSF
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0805LDLSF Datasheet(HTML) 1 Page - Central Technologies

  CT0805LDLSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.29.15
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0805LDLSF
Series
From 1.0µH to 100µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0805LDLSF-1R0_
K = ±10%, M = ±20%
Test
Q
SRF
DCR
IDC
Part
Inductance
Freq.
Fact.
Min.
±30%
Max.
Tol.
Number
(µH)
(MHz)
Typ.
(MHz)
(W)
(mA)
(%)
CT0805LDLSF-1R0_
1.0
7.96
18
100
0.10
800
10 / 20
CT0805LDLSF-1R5_
1.5
7.96
18
90
0.18
650
10 / 20
CT0805LDLSF-2R2_
2.2
7.96
18
70
0.24
550
10 / 20
CT0805LDLSF-3R3_
3.3
7.96
18
55
0.30
450
10 / 20
CT0805LDLSF-4R7_
4.7
7.96
18
50
0.47
360
10 / 20
CT0805LDLSF-6R8_
6.8
7.96
24
60
0.75
290
10 / 20
CT0805LDLSF-100_
10
2.52
18
25
0.90
290
10 / 20
CT0805LDLSF-150_
15
2.52
18
25
1.60
230
10 / 20
CT0805LDLSF-220_
22
2.52
18
17
1.95
190
10 / 20
CT0805LDLSF-330_
33
2.52
17
15
2.60
120
10 / 20
CT0805LDLSF-470_
47
2.52
17
11
3.90
95
10 / 20
CT0805LDLSF-680_
68
2.52
17
11
5.50
95
10 / 20
CT0805LDLSF-101_
100
1.00
12
9
9.00
70
10 / 20
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD ferrite core wire-wound chip inductor. Low
DC resistance.
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment.
Operating Temperature: -25°C to 105°C (including self -
temperature rise)
IDC: For inductance drop 10% from its value with current.
Inductance Tolerance: ±10% & ±20%
Testing: Inductance and Q are tested on an Agilent E4991A+
Agilent HP16197A (over 1MHz)/Agilent HP4285A(under 1MHz)
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
C
D
E
F
G
Max.
Max.
Max.
2.4
1.72
1.52
1.27
0.50
1.00
0.70
0.094
0.068
0.060
0.050
0.020
0.039
0.028
Size
mm
inches
1.78
1.02
1.02
0.76
Unit: mm
PAD LAYOUT


Similar Part No. - CT0805LDLSF

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0805L17GK2 EPCOS-CT0805L17GK2 Datasheet
1Mb / 81P
Ceramic transient voltage suppressors
CT0805L8G EPCOS-CT0805L8G Datasheet
129Kb / 15P
Multilayer technology
logo
Central Technologies
CT0805LSF CT-CT0805LSF Datasheet
185Kb / 1P
Wire-wound Chip Inductors - Open
CT0805LSF-102J CT-CT0805LSF-102J Datasheet
185Kb / 1P
Wire-wound Chip Inductors - Open
CT0805LSF-102K CT-CT0805LSF-102K Datasheet
185Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0805LDLSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com