Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1008LDLSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT1008LDLSF
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1008LDLSF Datasheet(HTML) 1 Page - Central Technologies

  CT1008LDLSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.30.15
Wire-wound Chip Inductors - Open
www.ctparts.com
CT1008LDLSF
Series
From 0.9µH to 10µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1008LDLSF-1R3_
J = ±5%, K = ±10%
Test
Q
SRF
DCR
IDC
Irms
Part
Ind.
Freq.
Fact.
Min.
Max.
Typ.
Max.
Tol.
Number
(µH)
(MHz)
Typ.
(MHz)
(W)
(mA)
(mA)
(%)
CT1008LDLSF-R90K
0.9
2.5
25
300
0.1
1400
1300
10
CT1008LDLSF-1R1K
1.1
2.5
24
275
0.105
1300
1200
10
CT1008LDLSF-1R3_
1.3
2.5
24
220
0.11
1200
1100
5 / 10
CT1008LDLSF-1R5_
1.5
2.5
22
210
0.125
1100
1000
5 / 10
CT1008LDLSF-1R9_
1.9
2.5
22
165
0.14
1000
1000
5 / 10
CT1008LDLSF-2R2_
2.2
2.5
21
75
0.155
950
950
5 / 10
CT1008LDLSF-2R7_
2.7
2.5
22
57
0.19
800
900
5 / 10
CT1008LDLSF-3R3_
3.3
2.5
21
54
0.21
750
800
5 / 10
CT1008LDLSF-3R9_
3.9
2.5
21
50
0.22
700
800
5 / 10
CT1008LDLSF-4R7_
4.7
2.5
27
48
0.435
700
650
5 / 10
CT1008LDLSF-5R8_
5.8
2.5
21
33
0.28
550
750
5 / 10
CT1008LDLSF-6R8_
6.8
2.5
20
28
0.315
500
700
5 / 10
CT1008LDLSF-8R2_
8.2
2.5
20
24
0.395
500
650
5 / 10
CT1008LDLSF-100_
10
2.5
22
20
0.48
450
550
5 / 10
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD ferrite core wire-wound chip inductor. Low
DC resistance.
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment.
Operating Temperature: -25°C to 105°C (including self -
temperature rise)
IDC: For inductance drop 10% from its value with current.
Irms: For a 40°C temperature rise from 25°C ambient with
current.
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an Agilent E4991A/
HP4287A+16197A
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
C
D
E
F
G
Max.
Max.
Max.
2.99
2.50
2.20
2.03
0.51
1.52
0.70
0.118
0.098
0.087
0.080
0.020
0.060
0.028
Size
mm
inches
2.54
1.02
1.02
1.27
Unit: mm
PAD LAYOUT


Similar Part No. - CT1008LDLSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS-102J CT-CT1008LS-102J Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS-102K CT-CT1008LS-102K Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS-102M CT-CT1008LS-102M Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS-103J CT-CT1008LS-103J Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
More results

Similar Description - CT1008LDLSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com