Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0201LSF-R20 Datasheet(PDF) 1 Page - Central Technologies

Part # CT0201LSF-R20
Description  Wire-wound Chip Inductors - Open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0201LSF-R20 Datasheet(HTML) 1 Page - Central Technologies

  CT0201LSF-R20 Datasheet HTML 1Page - Central Technologies CT0201LSF-R20 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.03.17
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0201LSF
Series
From 2.2nH to 200nH
SPECIFICATIONS
Test
SRF
DCR
Irms
Part
Inductance
Tolerance
Freq.
Q
Min.
Max.
Typ.
Number
(nH)
(±%)
(MHz)
Typ.
(MHz)
(W)
(mA)
CT0201LSF-2N2K
2.2
10
100
5
3000
0.09
1600
CT0201LSF-6N8_
6.8
5,10
100
6
2400
0.11
950
CT0201LSF-7N8_
7.8
5,10
100
7
2500
0.11
1050
CT0201LSF-15N_
15
5,10
100
7
2300
0.12
750
CT0201LSF-17N_
17
5,10
100
7
2400
0.13
750
CT0201LSF-26N_
26
5,10
100
7
2200
0.2
750
CT0201LSF-28N_
28
5,10
100
7
2400
0.2
700
CT0201LSF-39N_
39
5,10
100
7
2300
0.24
580
CT0201LSF-43N_
43
5,10
100
7
2200
0.24
600
CT0201LSF-56N_
56
5,10
100
7
2200
0.26
550
CT0201LSF-59N_
59
5,10
100
7
2200
0.26
500
CT0201LSF-76N_
76
5,10
100
7
2000
0.3
500
CT0201LSF-78N_
78
5,10
100
7
2000
0.3
500
CT0201LSF-R10_
100
5,10
100
7
1500
0.41
430
CT0201LSF-R13_
130
5,10
100
7
1500
0.44
400
CT0201LSF-R16_
160
5,10
100
7
1400
0.71
350
CT0201LSF-R20_
200
5,10
100
9
1400
0.95
260
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ferrite core wire-wound chip inductor.
Applications: Telecom and datacom applications such as
xDSL, Cable modem, Set-top box, CATV filter/tuner, Wireless LAN
etc
Operating Temperature: -25°C to +105°C (including self -
temperature rise)
Testing: Inductance and Q tested on Agilent E4991A+Agilent
HP16197A
Irms: For a 15°C temperature rise from 25°C ambient with
current.
Packaging: Tape & Reel.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
C
B
E
E
D
Terminal
Overall
0.46
(0.018)
0.18
(0.007)
0.18
(0.007)
0.22
(0.008)
A
B
C
D
E
Max.
Max.
Max.
0.58
0.46
0.45
0.38
0.12
0.023
0.018
0.018
0.015
0.005
Size
mm
inches
Unit: mm
(inch)
Please specify tolerance code when ordering.
CT0201LSF-6N8_
J = ±5%, K = ±10%


Similar Part No. - CT0201LSF-R20

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0201L17GK2 EPCOS-CT0201L17GK2 Datasheet
1Mb / 81P
Ceramic transient voltage suppressors
More results

Similar Description - CT0201LSF-R20

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com