Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0402LSF-R36 Datasheet(PDF) 1 Page - Central Technologies

Part # CT0402LSF-R36
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0402LSF-R36 Datasheet(HTML) 1 Page - Central Technologies

  CT0402LSF-R36 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.12.17
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0402LSF
Series
From 0.020µH to 0.56µH
SPECIFICATIONS
Please specify inductance tolerance code when ordering.
Example: CT0402LSF-20N_
J = ±5%, K = ±10%
Test
SRF
DCR
Irms
Part
Inductance
Freq.
Typ.
Max.
Typ.
Available
Number
(µH)
(MHz)
(MHz)
(
W)
(mA)
Tolerance
CT0402LSF-20N_
0.020
100
2600
0.050
1600
J / K
CT0402LSF-22NK
0.022
100
2500
0.072
1300
K
CT0402LSF-33N_
0.033
100
2300
0.060
1400
J / K
CT0402LSF-36N_
0.036
100
2300
0.092
1000
J / K
CT0402LSF-39N_
0.039
100
2200
0.150
830
J / K
CT0402LSF-51NK
0.051
100
1930
0.070
1100
K
CT0402LSF-56NK
0.056
100
1900
0.125
900
K
CT0402LSF-72N_
0.072
100
1650
0.100
900
J / K
CT0402LSF-78N_
0.078
100
1600
0.190
850
J / K
CT0402LSF-R10K
0.10
100
1400
0.160
900
K
CT0402LSF-R14_
0.14
50
1220
0.260
540
J / K
CT0402LSF-R18K
0.18
50
1150
0.330
560
K
CT0402LSF-R20_
0.20
50
1000
0.440
400
J / K
CT0402LSF-R22_
0.22
50
1150
0.530
380
J / K
CT0402LSF-R25_
0.25
25
900
0.360
520
J / K
CT0402LSF-R27K
0.27
25
860
0.550
360
K
CT0402LSF-R30_
0.30
25
860
0.410
420
J / K
CT0402LSF-R33_
0.33
7.9
820
0.680
350
J / K
CT0402LSF-R36_
0.36
7.9
810
0.575
360
J / K
CT0402LSF-R39_
0.39
7.9
760
0.890
300
J / K
CT0402LSF-R42_
0.42
7.9
700
1.100
340
J / K
CT0402LSF-R47K
0.47
7.9
650
0.730
310
K
CT0402LSF-R56_
0.56
7.9
600
1.100
200
J / K
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ferrite core wire-wound chip inductor.
Applications: Telecom, cable modem, set-top box, CATV filter/
tuner, wireless LAN, etc.
Operating Temperature: -40°C to +105°C (Including self -
temperature rise)
Irms: For a 15°C rise above 25°C ambient
Inductance Tolerance: ±5%, ±10%
Testing: Inductance tested on HP4285A at specified
frequency.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Marking: No markings
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
0.65
(0.025)
0.38
(0.015)
0.38
(0.015)
0.44
(0.017)
A
B
C
D
E
F
G
1.02±0.1
0.55±0.1
0.56±0.1
0.25
0.54
0.23
0.50
0.040±0.004 0.021±0.004
0.022±0.004
0.0098
0.021
0.009
0.0196
Size
mm
inches
Unit: mm
(inch)


Similar Part No. - CT0402LSF-R36

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0402L14G EPCOS-CT0402L14G Datasheet
129Kb / 15P
Multilayer technology
logo
YAGEO Corporation
CT0402L14G YAGEO-CT0402L14G Datasheet
909Kb / 12P
Multi-Layer Chip Varistors
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
CT0402L17GK2 EPCOS-CT0402L17GK2 Datasheet
1Mb / 81P
Ceramic transient voltage suppressors
More results

Similar Description - CT0402LSF-R36

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com