Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0603QWF-R13 Datasheet(PDF) 1 Page - Central Technologies

Part # CT0603QWF-R13
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0603QWF-R13 Datasheet(HTML) 1 Page - Central Technologies

  CT0603QWF-R13 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.02.14
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0603QWF
Series
From 2.2nH to 470nH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0603QWF-1N5_
B = ±0.1nH, C = ±0.2nH, D = ±0.5nH,
G = ±2%, H = ±3%, J = ±5%
L/Q Test
Q
SRF
DCR
Irms
Part
Inductance
Freq.
Fact.
Min.
Max.
Max.
Number
(nH)
(MHz)
Min.
(MHz)
(
Ω)
(mA)
Tolerance
CT0603QWF-2N2_
2.2
100/250
16
6000
0.049
700
B,C,D
CT0603QWF-3N6_
3.6
100/250
25
6000
0.059
850
H,J
CT0603QWF-3N9_
3.9
100/250
35
6000
0.059
850
H,J
CT0603QWF-4N3_
4.3
100/250
35
6000
0.059
850
H,J
CT0603QWF-4N7_
4.7
100/250
35
6000
0.059
850
H,J
CT0603QWF-5N6_
5.6
100/250
35
6000
0.082
750
H,J
CT0603QWF-6N2_
6.2
100/250
35
6000
0.082
750
H,J
CT0603QWF-6N8_
6.8
100/250
35
6000
0.082
750
H,J
CT0603QWF-7N5_
7.5
100/250
35
6000
0.082
750
H,J
CT0603QWF-8N2_
8.2
100/250
35
6000
0.11
650
H,J
CT0603QWF-8N7_
8.7
100/250
35
6000
0.11
650
H,J
CT0603QWF-9N1_
9.1
100/250
35
6000
0.11
650
H,J
CT0603QWF-9N5_
9.5
100/250
35
6000
0.11
650
H,J
CT0603QWF-10N_
10
100/250
35
6000
0.11
650
G,J
CT0603QWF-11N_
11
100/250
35
6000
0.11
650
G,J
CT0603QWF-12N_
12
100/250
35
6000
0.13
600
G,J
CT0603QWF-13N_
13
100/250
35
6000
0.13
600
G,J
CT0603QWF-15N_
15
100/250
40
6000
0.13
600
G,J
CT0603QWF-16N_
16
100/250
40
5500
0.16
550
G,J
CT0603QWF-18N_
18
100/250
40
5500
0.16
550
G,J
CT0603QWF-20N_
20
100/250
40
4900
0.16
550
G,J
CT0603QWF-22N_
22
100/250
40
4600
0.17
500
G,J
CT0603QWF-24N_
24
100/250
40
3800
0.21
500
G,J
CT0603QWF-27N_
27
100/250
40
3700
0.21
440
G,J
CT0603QWF-30N_
30
100/250
40
3300
0.23
420
G,J
CT0603QWF-33N_
33
100/250
40
3200
0.23
420
G,J
CT0603QWF-36N_
36
100/250
40
2900
0.26
400
G,J
CT0603QWF-39N_
39
100/250
40
2800
0.26
400
G,J
CT0603QWF-43N_
43
100/200
40
2700
0.29
380
G,J
CT0603QWF-47N_
47
100/200
38
2600
0.29
380
G,J
CT0603QWF-51N_
51
100/200
38
2500
0.33
370
G,J
CT0603QWF-56N_
56
100/200
38
2400
0.35
360
G,J
CT0603QWF-62N_
62
100/200
38
2300
0.51
280
G,J
CT0603QWF-68N_
68
100/200
38
2200
0.38
340
G,J
CT0603QWF-72N_
72
100/150
34
2100
0.56
270
G,J
CT0603QWF-75N_
75
100/150
34
2050
0.56
270
G,J
CT0603QWF-82N_
82
100/150
34
2000
0.6
250
G,J
CT0603QWF-91N_
91
100/150
34
1900
0.64
230
G,J
CT0603QWF-R10_
100
100/150
34
1800
0.68
220
G,J
CT0603QWF-R11_
110
100/150
32
1700
1.2
200
G,J
CT0603QWF-R12_
120
100/150
32
1600
1.3
180
G,J
CT0603QWF-R13_
130
100/150
32
1450
1.4
170
G,J
CT0603QWF-R15_
150
100/150
32
1400
1.5
160
G,J
CT0603QWF-R16_
160
100/150
32
1350
2.1
150
G,J
CT0603QWF-R18_
180
100/100
25
1300
2.2
140
G,J
CT0603QWF-R20_
200
100/100
25
1250
2.4
120
G,J
CT0603QWF-R22_
220
100/100
25
1200
2.5
120
G,J
CT0603QWF-R27_
270
100/100
30
960
3.4
110
G,J
CT0603QWF-R33_
330
100/100
30
800
5.5
85
G,J
CT0603QWF-R39_
390
100/100
30
800
6.2
80
G,J
CT0603QWF-R47_
470
100/100
30
700
7
75
G,J
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description:
SMD ceramic core wire-wound chip inductor.
Applications: RF products for celluler phone, GPS receiv-
ers, base stations, repeaters, wireless LAN/mouse/keyboard/
earphone, remote controls, security systems and high frequency
applications.
Operating Temperature:
-40°C to +125°C (Including self -
temperature rise)
Irms: For a 15°C rise above 25°C ambient
Inductance Tolerance:
±0.1nH, ±0.2nH, ±0.5nH, ±2%, ±3%,
±5%
Testing:
Inductance and Q are tested on an HP4287A at
specified frequency.
Packaging:
Tape & Reel.
Miscellaneous:
RoHS Compliant.
Marking:
No marking.
Additional Information:
Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
A
F
F
G
E
C
Terminal
D
1.02
(0.040)
0.64
(0.025)
0.64
(0.025)
0.64
(0.025)
A
B
C
D
E
F
G
Ref.
1.6
1.02±0.1
0.82
0.35
0.70
0.30
0.95
0.063
0.040±0.004
0.032
0.014
0.028
0.012
0.037
Size
mm
inches
CT0603QWF-10N_
10
100/250
35
6000
0.11
650
G,J
CT0603QWF-11N_
11
100/250
35
6000
0.11
650
G,J
CT0603QWF-12N_
12
100/250
35
6000
0.13
600
G,J
CT0603QWF-13N_
13
100/250
35
6000
0.13
600
G,J
CT0603QWF-15N_
15
100/250
40
6000
0.13
600
G,J
CT0603QWF-16N_
16
100/250
40
5500
0.16
550
G,J
CT0603QWF-18N_
18
100/250
40
5500
0.16
550
G,J
CT0603QWF-20N_
20
100/250
40
4900
0.16
550
G,J
CT0603QWF-22N_
22
100/250
40
4600
0.17
500
G,J
CT0603QWF-24N_
24
100/250
40
3800
0.21
500
G,J
CT0603QWF-27N_
27
100/250
40
3700
0.21
440
G,J
CT0603QWF-30N_
30
100/250
40
3300
0.23
420
G,J
CT0603QWF-33N_
33
100/250
40
3200
0.23
420
G,J
CT0603QWF-36N_
36
100/250
40
2900
0.26
400
G,J
CT0603QWF-39N_
39
100/250
40
2800
0.26
400
G,J
CT0603QWF-43N_
43
100/200
40
2700
0.29
380
G,J
CT0603QWF-47N_
47
100/200
38
2600
0.29
380
G,J
CT0603QWF-51N_
51
100/200
38
2500
0.33
370
G,J
CT0603QWF-56N_
56
100/200
38
2400
0.35
360
G,J
CT0603QWF-62N_
62
100/200
38
2300
0.51
280
G,J
CT0603QWF-68N_
68
100/200
38
2200
0.38
340
G,J
CT0603QWF-72N_
72
100/150
34
2100
0.56
270
G,J
CT0603QWF-75N_
75
100/150
34
2050
0.56
270
G,J
CT0603QWF-82N_
82
100/150
34
2000
0.6
250
G,J
CT0603QWF-91N_
91
100/150
34
1900
0.64
230
G,J
Unit: mm
(inch)
+0.2
-0.1
+0.2
-0.1
+0.008
-0.004
+0.008
-0.004


Similar Part No. - CT0603QWF-R13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
SMD ceramic core wire-wound high current chip inductor
logo
Central Technologies
CT0603CSF CT-CT0603CSF Datasheet
382Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CSF-10NG CT-CT0603CSF-10NG Datasheet
382Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CSF-10NJ CT-CT0603CSF-10NJ Datasheet
382Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CSF-10NK CT-CT0603CSF-10NK Datasheet
382Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0603QWF-R13

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com