Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0603HPF-R25 Datasheet(PDF) 1 Page - Central Technologies

Part # CT0603HPF-R25
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0603HPF-R25 Datasheet(HTML) 1 Page - Central Technologies

  CT0603HPF-R25 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2016 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.31.16
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0603HPF
Series
From 1.8nH to 390nH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0603HPF-4N3_
H = ±3%, J = ±5%
L/Q Test
SRF
DCR
Irms
Part
Inductance
Freq.
Q
Typ.
Max.
Max.
Available
Number
(nH)
(MHz)
Typ.
(GHz)
(
W)
(mA)
Tolerance
CT0603HPF-1N8J
1.8
250/250
23
16.0
0.033
2100
J
CT0603HPF-2N2J
2.2
250/250
13
15.0
0.182
900
J
CT0603HPF-3N9J
3.9
250/250
26
7.50
0.062
1600
J
CT0603HPF-4N3_
4.3
250/250
26
7.50
0.088
1300
H, J
CT0603HPF-4N7_
4.7
250/250
25
7.90
0.130
1100
H, J
CT0603HPF-6N8_
6.8
250/250
40
5.80
0.065
1400
H, J
CT0603HPF-7N2_
7.2
250/250
32
5.40
0.100
1400
H, J
CT0603HPF-7N5_
7.5
250/250
32
5.30
0.100
1300
H, J
CT0603HPF-11N_
11
250/250
41
4.10
0.086
1400
H, J
CT0603HPF-15N_
15
250/250
42
3.60
0.110
1200
H, J
CT0603HPF-16N_
16
250/250
40
3.50
0.125
1100
H, J
CT0603HPF-22N_
22
250/250
40
3.15
0.195
850
H, J
CT0603HPF-23N_
23
250/250
40
3.00
0.150
850
H, J
CT0603HPF-24N_
24
250/250
42
2.95
0.125
1100
H, J
CT0603HPF-27N_
27
250/250
42
2.80
0.200
780
H, J
CT0603HPF-30N_
30
250/250
49
2.80
0.130
920
H, J
CT0603HPF-33N_
33
250/250
45
2.70
0.170
680
H, J
CT0603HPF-36N_
36
250/250
44
2.50
0.225
720
H, J
CT0603HPF-39N_
39
250/250
48
2.45
0.190
680
H, J
CT0603HPF-43N_
43
250/250
45
2.45
0.225
810
H, J
CT0603HPF-47N_
47
200/250
43
2.30
0.240
680
H, J
CT0603HPF-51N_
51
200/250
42
2.30
0.280
660
H, J
CT0603HPF-56N_
56
200/250
43
2.20
0.300
610
H, J
CT0603HPF-68N_
68
200/250
43
2.00
0.330
600
H, J
CT0603HPF-72N_
72
150/250
37
1.90
0.420
550
H, J
CT0603HPF-75N_
75
150/250
37
1.90
0.520
500
H, J
CT0603HPF-82N_
82
150/250
38
1.80
0.460
510
H, J
CT0603HPF-91N_
91
150/250
45
1.65
0.580
440
H, J
CT0603HPF-R10_
100
150/250
49
1.70
0.540
470
H, J
CT0603HPF-R11_
110
150/250
47
1.60
0.620
440
H, J
CT0603HPF-R12_
120
150/250
47
1.55
0.720
420
H, J
CT0603HPF-R15_
150
150/250
47
1.35
1.150
390
H, J
CT0603HPF-R18_
180
100/250
48
1.30
1.500
310
H, J
CT0603HPF-R20_
200
100/250
47
1.25
2.000
280
H, J
CT0603HPF-R21_
210
100/250
48
1.20
2.000
280
H, J
CT0603HPF-R22_
220
100/250
47
1.10
2.000
280
H, J
CT0603HPF-R25_
250
100/250
45
1.05
3.000
240
H, J
CT0603HPF-R27_
270
100/250
46
1.05
2.250
260
H, J
CT0603HPF-R30_
300
100/250
47
0.99
2.800
220
H, J
CT0603HPF-R33_
330
100/250
46
0.93
3.600
180
H, J
CT0603HPF-R36_
360
100/250
47
0.93
4.000
170
H, J
CT0603HPF-R39_
390
100/250
47
0.88
4.000
170
H, J
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ceramic core wire-wound chip inductor.
Applications: Cellular phone, cordless phone, remote control,
security systems, wireless PDA, wireless LAN, mouse, keyboard,
GPS receiver, set top box, base station, repeater, etc.
Operating Temperature: -40°C to +125°C (Including self -
temperature rise)
Irms: For a 15°C temp. rise from 25°C ambient with current
Inductance Tolerance: ±3%, ±5%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
A
F
F
G
E
C
Terminal
D
1.02
(0.040)
0.64
(0.025)
0.64
(0.025)
0.64
(0.025)
A
B
C
D
E
F
G
Ref.
1.6
1.00±0.1
0.82
0.30
0.70
0.30
0.95
0.063
0.039±0.004
0.032
0.012
0.028
0.012
0.037
Size
mm
inches
Unit: mm
(inch)
+0.2
-0.1
+0.2
-0.1
+0.008
-0.004
+0.008
-0.004


Similar Part No. - CT0603HPF-R25

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603HPHF CT-CT0603HPHF Datasheet
162Kb / 1P
Wire-wound Chip Inductors - Open
CT0603HPHF-10N CT-CT0603HPHF-10N Datasheet
162Kb / 1P
Wire-wound Chip Inductors - Open
CT0603HPHF-12N CT-CT0603HPHF-12N Datasheet
162Kb / 1P
Wire-wound Chip Inductors - Open
CT0603HPHF-18N CT-CT0603HPHF-18N Datasheet
162Kb / 1P
Wire-wound Chip Inductors - Open
CT0603HPHF-3N3 CT-CT0603HPHF-3N3 Datasheet
162Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0603HPF-R25

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com