Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT0402QWF-R12 Datasheet(PDF) 1 Page - Central Technologies

Part # CT0402QWF-R12
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0402QWF-R12 Datasheet(HTML) 1 Page - Central Technologies

  CT0402QWF-R12 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.02.14
Wire-wound Chip Inductors - Open
www.ctparts.com
CT0402QWF
Series
From 1.5nH to 120nH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0402QWF-1N5_
B = ±0.1nH, C = ±0.2nH, D = ±0.5nH,
G = ±2%, H = ±3%, J = ±5%
L/Q Test
Q
SRF
DCR
Irms
Part
Inductance
Freq.
Fact.
Min.
Max.
Max.
Number
(nH)
(MHz)
Min.
(MHz)
(
W)
(mA)
Tolerance
CT0402QWF-1N5_
1.5
100/250
10
18000
0.03
1000
B,C,D
CT0402QWF-2N4_
2.4
100/250
20
15000
0.05
850
B,C,D
CT0402QWF-2N5_
2.5
100/250
20
15000
0.05
850
B,C,D
CT0402QWF-2N7_
2.7
100/250
20
15000
0.05
850
B,C,D
CT0402QWF-2N9_
2.9
100/250
20
15000
0.07
750
B,C,D
CT0402QWF-3N9_
3.9
100/250
25
10000
0.07
750
H,J
CT0402QWF-4N1_
4.1
100/250
25
10000
0.07
750
H,J
CT0402QWF-4N3_
4.3
100/250
25
10000
0.07
750
H,J
CT0402QWF-4N7_
4.7
100/250
25
8000
0.07
750
H,J
CT0402QWF-5N1_
5.1
100/250
25
8000
0.12
600
H,J
CT0402QWF-5N8_
5.8
100/250
25
8000
0.12
700
H,J
CT0402QWF-6N2_
6.2
100/250
25
8000
0.09
700
H,J
CT0402QWF-6N8_
6.8
100/250
25
6000
0.09
700
H,J
CT0402QWF-7N3_
7.3
100/250
25
6000
0.13
570
H,J
CT0402QWF-7N5_
7.5
100/250
25
6000
0.13
570
H,J
CT0402QWF-8N2_
8.2
100/250
25
5500
0.14
540
H,J
CT0402QWF-8N7_
8.7
100/250
25
5500
0.14
540
H,J
CT0402QWF-9N1_
9.1
100/250
25
5500
0.14
540
H,J
CT0402QWF-9N5_
9.5
100/250
25
5500
0.14
540
H,J
CT0402QWF-10N_
10
100/250
25
5500
0.17
500
G,H,J
CT0402QWF-11N_
11
100/250
30
5500
0.14
500
G,H,J
CT0402QWF-12N_
12
100/250
30
5500
0.14
500
G,H,J
CT0402QWF-13N_
13
100/250
25
5000
0.21
430
G,H,J
CT0402QWF-15N_
15
100/250
30
5000
0.16
460
G,H,J
CT0402QWF-16N_
16
100/250
25
4500
0.24
370
G,H,J
CT0402QWF-18N_
18
100/250
25
4500
0.27
370
G,H,J
CT0402QWF-19N_
19
100/250
25
4500
0.27
370
G,H,J
CT0402QWF-20N_
20
100/250
25
4000
0.27
370
G,H,J
CT0402QWF-22N_
22
100/250
25
4000
0.3
310
G,H,J
CT0402QWF-23N_
23
100/250
25
3800
0.3
310
G,H,J
CT0402QWF-24N_
24
100/250
25
3500
0.52
280
G,H,J
CT0402QWF-27N_
27
100/250
25
3500
0.52
280
G,H,J
CT0402QWF-30N_
30
100/250
25
3300
0.58
270
G,H,J
CT0402QWF-33N_
33
100/250
25
3200
0.63
260
G,H,J
CT0402QWF-36N_
36
100/250
25
3100
0.63
260
G,H,J
CT0402QWF-39N_
39
100/250
25
3000
0.7
250
G,H,J
CT0402QWF-40N_
40
100/250
25
3000
0.7
250
G,H,J
CT0402QWF-47N_
47
100/200
25
2900
1.08
210
G,H,J
CT0402QWF-51N_
51
100/200
25
2850
1.08
210
G,H,J
CT0402QWF-56N_
56
100/200
25
2800
1.17
200
G,H,J
CT0402QWF-62N_
62
100/200
20
2600
1.82
145
G,H,J
CT0402QWF-68N_
68
100/200
20
2500
1.96
140
G,J
CT0402QWF-72N_
72
100/150
20
2500
2.1
135
G,J
CT0402QWF-75N_
75
100/150
20
2400
2.1
135
G,J
CT0402QWF-82N_
82
100/150
20
2300
2.24
130
G,J
CT0402QWF-91N_
91
100/150
20
2100
2.38
125
G,J
CT0402QWF-R10_
100
100/150
20
1500
2.52
120
G,J
CT0402QWF-R12_
120
100/150
20
1000
2.66
110
G,J
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ceramic core wire-wound chip inductor.
Applications: RF products for cellular phone, GPS receiv-
ers, base stations, repeaters, wireless LAN/mouse/keyboard/
earphone, remote controls, security systems and high frequency
applications.
Operating Temperature: -40°C to +125°C (Including self -
temperature rise)
Irms: For a 15°C rise above 25°C ambient
Inductance Tolerance: ±0.1nH, ±0.2nH, ±0.5nH, ±2%, ±3%,
±5%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Marking: No markings
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
A
F
F
G
E
C
Terminal
D
0.56
(0.022)
0.36
(0.014)
0.36
(0.014)
0.46
(0.018)
A
B
C
D
E
F
G
Ref.
1.05±0.05
0.6±0.05
0.5±0.05
0.25
0.4
0.2
0.54
0.041±0.002 0.024±0.002
0.020±0.002
0.010
0.016
0.008
0.021
Size
mm
inches
Unit: mm
(inch)


Similar Part No. - CT0402QWF-R12

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0402CSF CT-CT0402CSF Datasheet
243Kb / 1P
Wire-wound Chip Inductors - Open
CT0402CSF-10NG CT-CT0402CSF-10NG Datasheet
243Kb / 1P
Wire-wound Chip Inductors - Open
CT0402CSF-10NH CT-CT0402CSF-10NH Datasheet
243Kb / 1P
Wire-wound Chip Inductors - Open
CT0402CSF-10NJ CT-CT0402CSF-10NJ Datasheet
243Kb / 1P
Wire-wound Chip Inductors - Open
CT0402CSF-10NK CT-CT0402CSF-10NK Datasheet
243Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0402QWF-R12

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com