Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F684 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 17Page - Microchip Technology PIC16F684 Datasheet HTML 18Page - Microchip Technology PIC16F684 Datasheet HTML 19Page - Microchip Technology PIC16F684 Datasheet HTML 20Page - Microchip Technology PIC16F684 Datasheet HTML 21Page - Microchip Technology PIC16F684 Datasheet HTML 22Page - Microchip Technology PIC16F684 Datasheet HTML 23Page - Microchip Technology PIC16F684 Datasheet HTML 24Page - Microchip Technology PIC16F684 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 19
PIC16F684
3.0
CLOCK SOURCES
3.1
Overview
The PIC16F684 has a wide variety of clock sources
and selection features to allow it to be used in a wide
range of applications while maximizing performance
and
minimizing
power
consumption.
Figure 3-1
illustrates a block diagram of the PIC16F684 clock
sources.
Clock sources can be configured from external
oscillators,
quartz
crystal
resonators,
ceramic
resonators and Resistor-Capacitor (RC) circuits. In
addition, the system clock source can be configured
from one of two internal oscillators, with a choice of
speeds selectable via software. Additional clock
features include:
• Selectable system clock source between external
or internal via software.
• Two-Speed Clock Start-up mode, which mini-
mizes latency between external oscillator start-up
and code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch to the
internal oscillator.
The PIC16F684 can be configured in one of eight clock
modes.
1.
EC – External clock with I/O on RA4.
2.
LP – Low gain Crystal or Ceramic Resonator
Oscillator mode.
3.
XT – Medium gain Crystal or Ceramic Resona-
tor Oscillator mode.
4.
HS – High gain Crystal or Ceramic Resonator
mode.
5.
RC – External Resistor-Capacitor (RC) with
FOSC/4 output on RA4.
6.
RCIO – External Resistor-Capacitor with I/O on
RA4.
7.
INTRC – Internal oscillator with FOSC/4 output
on RA4 and I/O on RA5.
8.
INTRCIO – Internal oscillator with I/O on RA4
and RA5.
Clock source modes are configured by the FOSC<2:0>
bits
in
the
Configuration
Word
register
(see
Section 12.0 “Special Features of the CPU”). The
internal clock can be generated by two oscillators. The
HFINTOSC is a high-frequency calibrated oscillator.
The LFINTOSC is a low-frequency uncalibrated
oscillator.
FIGURE 3-1:
PIC16F684 CLOCK SOURCE BLOCK DIAGRAM
(CPU and Peripherals)
OSC1
OSC2
Sleep
External Oscillator
LP, XT, HS, RC, RCIO, EC
System Clock
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
IRCF<2:0>
111
110
101
100
011
010
001
000
31 kHz
Power-up Timer (PWRT)
FOSC<2:0>
(Configuration Word)
SCS
(OSCCON<0>)
Internal Oscillator
(OSCCON<6:4>)
Watchdog Timer (WDT)
Fail-Safe Clock Monitor (FSCM)
HFINTOSC
8 MHz
LFINTOSC
31 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com