Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F684 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 87Page - Microchip Technology PIC16F684 Datasheet HTML 88Page - Microchip Technology PIC16F684 Datasheet HTML 89Page - Microchip Technology PIC16F684 Datasheet HTML 90Page - Microchip Technology PIC16F684 Datasheet HTML 91Page - Microchip Technology PIC16F684 Datasheet HTML 92Page - Microchip Technology PIC16F684 Datasheet HTML 93Page - Microchip Technology PIC16F684 Datasheet HTML 94Page - Microchip Technology PIC16F684 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 89
PIC16F684
TABLE 11-5:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Value on
all other
Resets
0Bh/
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
0000 0000
0Ch
PIR1
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF
0000 0000
0000 0000
11h
TMR2
Timer2 Module register
0000 0000
0000 0000
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
13h
CCPR1L
Capture/Compare/PWM Register1 Low Byte
xxxx xxxx
uuuu uuuu
14h
CCPR1H
Capture/Compare/PWM Register1 High Byte
xxxx xxxx
uuuu uuuu
15h
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
0000 0000
16h
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
0000 0000
17h
ECCPAS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
0000 0000
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
8Ch
PIE1
EEIE
ADIE
CCP1IE
C2IE
C1IE
OSFIE
TMR2IE
TMR1IE
0000 0000
0000 0000
92h
PR2
Timer2 Module Period register
1111 1111
1111 1111
Legend:
— = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture, Compare or Timer1
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com