Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9255/ZMX020 Datasheet(PDF) 5 Page - Microchip Technology

Part # LAN9255/ZMX020
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX020 Datasheet(HTML) 5 Page - Microchip Technology

  LAN9255/ZMX020 Datasheet HTML 1Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 2Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 3Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 4Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 5Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 6Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 7Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 8Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 5
LAN9255
2.0
INTRODUCTION
The LAN9255 is a System-In-Package (SIP) design that combines the Microchip LAN9253 2/3-port EtherCAT device
controller with dual integrated Ethernet PHYs and the Microchip SAM E53J ARM Cortex-M4F MCU into a single 128-
pin TQFP package.
The LAN9255 is available in commercial (0°C to +70°C), industrial (-40°C to +85°C), and extended industrial (-40°C to
+105°C) temperature ranges. A block diagram of the LAN9255 is provided in Figure 2-1.
Details on each integrated device (LAN9253 & SAM E53J) can be referenced via their respective data sheets, as out-
lined in Section 1.1, References. Any device specific details outside of those detailed in the respective data sheets are
provided in Section 3.0, LAN9255 Device Specifications. Pinout information for the LAN9255 is detailed in Section 4.0,
Pin Configuration.
FIGURE 2-1:
LAN9255 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com