Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9255/ZMX020 Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN9255/ZMX020
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX020 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN9255/ZMX020 Datasheet HTML 13Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 14Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 15Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 16Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 17Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 18Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 19Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 20Page - Microchip Technology LAN9255/ZMX020 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 17
LAN9255
FIGURE 5-2:
128-TQFP PACKAGE (DIMENSIONS)
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
SECTION A-A
L1
L
H
3
2
1
R
R1
Microchip Technology Drawing C04-181 Rev A
c
Molded Package Thickness
Dimension Limits
Mold Draft Angle Top
Foot Length
Lead Width
Molded Package Length
Molded Package Width
Overall Length
Overall Width
Foot Angle
Footprint
Standoff
Overall Height
Lead Pitch
Number of Leads
0.75
0.60
0.45
L
0.16
14.00 BSC
14.00 BSC
16.00 BSC
16.00 BSC
-
1.00 REF
b
D1
E1
0.13
D
E
L1
0°
0.23
7°
1.00
0.40 BSC
128
NOM
MILLIMETERS
A1
A2
A
e
0.05
0.95
-
Units
N
MIN
1.05
0.15
1.20
0.10
-
MAX
Lead Bend Radius
0.08
-
-
Lead Bend Radius
0.08
0.20
-
R
R1
Exposed Pad Length
D2
9.00
8.90
9.10
Exposed Pad Width
E2
Mold Draft Angle Bottom
11°
13°
12°
3
2
Lead Angle
0°
-
-
1
9.00
8.90
9.10
11°
13°
12°
Lead Thickness
-
c
0.09
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com