Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS843034
Description  MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS843034 Datasheet HTML 4Page - Integrated Circuit Systems ICS843034 Datasheet HTML 5Page - Integrated Circuit Systems ICS843034 Datasheet HTML 6Page - Integrated Circuit Systems ICS843034 Datasheet HTML 7Page - Integrated Circuit Systems ICS843034 Datasheet HTML 8Page - Integrated Circuit Systems ICS843034 Datasheet HTML 9Page - Integrated Circuit Systems ICS843034 Datasheet HTML 10Page - Integrated Circuit Systems ICS843034 Datasheet HTML 11Page - Integrated Circuit Systems ICS843034 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
843034AY
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2005
8
Integrated
Circuit
Systems, Inc.
ICS843034
FEMTOCLOCKS™
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, VCCO_A = VCCO_B = VCCO_REF = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I2
V
C
C
3
.
0
+V
V
M
I
e
g
a
t
l
o
V
d
i
M
t
u
p
n
IV
C
C
V
2
.
0
-
2
/V
C
C
V
2
.
0
+
2
/V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
K
L
C
_
T
S
E
T
,
F
E
R
_
E
O
,
]
0
:
1
[
L
E
S
,
A
T
A
D
_
S
,
K
C
O
L
C
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
8
M
:
6
M
,
4
M
:
1
M
,
2
x
N
V
C
C
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
,
A
_
E
O
,
5
M
,
1
x
N
,
0
x
N
L
E
S
_
O
C
V
,
B
_
E
O
V
C
C
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
K
L
C
_
T
S
E
T
,
F
E
R
_
E
O
,
]
0
:
1
[
L
E
S
,
A
T
A
D
_
S
,
K
C
O
L
C
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
8
M
:
6
M
,
4
M
:
1
M
,
2
x
N
V
C
C
,
V
5
6
4
.
3
=
V
N
I
V
0
=
5
-A
µ
,
A
_
E
O
,
5
M
,
1
x
N
,
0
x
N
L
E
S
_
O
C
V
,
B
_
E
O
V
C
C
,
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
t
u
p
t
u
O
e
g
a
t
l
o
V
h
g
i
H
1
E
T
O
N
;
T
S
E
T
V
F
E
R
_
O
C
C
%
5
±
V
3
.
3
=
6
.
2V
K
L
C
_
F
E
RV
F
E
R
_
O
C
C
V
3
.
0
-4
.
0V
V
L
O
t
u
p
t
u
O
e
g
a
t
l
o
V
w
o
L
1
E
T
O
N
;
T
S
E
TV
F
E
R
_
O
C
C
%
5
±
V
3
.
3
=5
.
0V
NOTE 1: Output terminated with 50
Ω to V
CCO_REF/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com