Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843034 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843034
Description  MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843034 Datasheet HTML 1Page - Integrated Circuit Systems ICS843034 Datasheet HTML 2Page - Integrated Circuit Systems ICS843034 Datasheet HTML 3Page - Integrated Circuit Systems ICS843034 Datasheet HTML 4Page - Integrated Circuit Systems ICS843034 Datasheet HTML 5Page - Integrated Circuit Systems ICS843034 Datasheet HTML 6Page - Integrated Circuit Systems ICS843034 Datasheet HTML 7Page - Integrated Circuit Systems ICS843034 Datasheet HTML 8Page - Integrated Circuit Systems ICS843034 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
843034AY
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843034
FEMTOCLOCKS™
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS843034 is a general purpose, low phase
noise LVPECL synthesizer which can generate
frequencies for a wide variety of applications. The
ICS843034 has a 4:1 input Multiplexer from which
the following inputs can be selected: 1 differential
input, 1 single-ended input, or two crystal
oscillators, thus making the device ideal for frequency
translation or frequency generation. Each differential LVPECL
output pair has an output divider which can be independently
set so that two different frequencies can be generated.
Additionally, each LVPECL output pair has a dedicated power
supply pin so the outputs can run at 3.3V or 2.5V. The
ICS843034 also supplies a buffered copy of the reference
clock or crystal frequency on the single-ended REF_CLK pin
which can be enabled or disabled (disabled by default). The
output frequency can be programmed using either a serial or
parallel programming interface.
The phase jitter of the ICS843034 is less than 1ps rms, making
it suitable for use in Fibre Channel, SONET, and Ethernet
applications.
Example applications include systems which must support
both FEC and non FEC rates. In 10Gb Fibre Channel, for
example, you can use a 25.5MHz crystal to generate a
159.375MHz reference clock, and then switch to a 20.544MHz
crystal to generate 164.355MHz for 66/64 FEC. Other
applications could include suppor ting both Ether net
frequencies and SONET frequencies in an application. When
Ethernet frequencies are needed, a 25MHz crystal can be
used and when SONET frequencies are needed, the input
MUX can be switched to select a 38.88MHz Crystal.
FEATURES
• Dual differential 3.3V LVPECL outputs which can be set
independently for either 3.3V or 2.5V
• 4:1 Input Mux:
1 differential input
1 single-ended input
2 crystal oscillator interfaces
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• TEST_CLK accepts LVCMOS or LVTTL input levels
• Output frequency range: 35MHz to 750MHz
• Crystal input frequency range: 12MHz to 40MHz
• VCO range: 560MHz to 750MHz
• Parallel or serial interface for programming feedback
divider and output dividers
• RMS phase jitter at 333.33MHz, using a 22.222MHz
crystal (12kHz to 20MHz): 0.80ps (typical)
• Supply voltage modes:
LVPECL outputs (core/outputs):
3.3V/3.3V
3.3V/2.5V
REF_CLK output (core/outputs):
3.3V/3.3V
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request
• Available in both, Standard and RoHS/Lead-Free compli-
ant packages
HiPerClockS™
ICS
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
M8
NB0
NB1
NB2
OE_REF
OE_A
OE_B
VCC
NA0
NA1
NA2
VEE
XTAL_OUT1
XTAL_IN1
XTAL_OUT0
XTAL_IN0
TEST_CLK
SEL1
SEL0
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
ICS843034
48-Pin LQFP
7mm x 7mm x 1.4mm
package body
Y Package
Top View
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS843034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
logo
Integrated Circuit Syst...
ICS843034-01 ICST-ICS843034-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034A01 ICST-ICS843034A01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034AY-01 ICST-ICS843034AY-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
ICS843034AY-01LF ICST-ICS843034AY-01LF Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843034

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843034-01 ICST-ICS843034-01 Datasheet
244Kb / 22P
FEMTOCLOCKS??MULTI-RATE LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843034-06 IDT-843034-06 Datasheet
538Kb / 24P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034I-06 IDT-843034I-06 Datasheet
542Kb / 25P
FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
3.3V LVPECL FREQUENCY SYNTHESIZER
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
ICS843004I-09 RENESAS-ICS843004I-09 Datasheet
776Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com