Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS3002AI01L Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS3002AI01L
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS3002AI01L Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS3002AI01L Datasheet HTML 1Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 2Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 3Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 4Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 5Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
843002AGI-01
www.icst.com/products/hiperclocks.html
REV. A JANUARY 6, 2006
1
Integrated
Circuit
Systems, Inc.
ICS843002I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS843002I-01 is a 2 output LVPECL
synthesizer optimized to generate Ethernet
reference clock frequencies and is a member
of the HiPerClocksTM family of high perfor-
mance clock solutions from ICS. Using a
25MHz 18pF parallel resonant crystal, the following
frequencies can be generated based on the 2 frequency
select pins (F_SEL[1:0]): 156.25MHz, 125MHz, and
62.5MHz. The ICS843002I-01 uses ICS’ FemtoClockTM
low phase noise VCO technology and can achieve 1ps
or lower typical rms phase jitter, easily meeting Ethernet
jitter requirements. The ICS843002I-01 is packaged in a
small 20-pin TSSOP package.
FEATURES
• Two 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies:
156.25MHz, 125MHz and 62.5MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz-20MHz): 0.55ps (typical)
• Output skew: 30ps (maximum)
• Supply Voltage Modes
Core/Outputs
3.3/3.3
2.5/2.5
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
625MHz
(w/25MHz
Reference)
M = 25 (fixed)
F_SEL[1:0]
0 0
÷4 (default)
0 1
÷5
1 0
÷10
1 1
÷5
OSC
2
ICS843002I-01
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
BLOCK DIAGRAM
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Pulldown
Pulldown
25MHz
nc
VCCO
Q0
nQ0
MR
nPLL_SEL
nc
VCCA
F_SEL0
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCCO
Q1
nQ1
VEE
VCC
nXTAL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
F_SEL1
Pulldown
Pulldown
Pulldown
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
.
f
e
R
z
H
M
5
2
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
00
5
24
)
t
l
u
a
f
e
d
(
5
2
.
6
5
1
01
5
25
5
2
1
10
5
20
15
.
2
6
11
5
25
5
2
1


Similar Part No. - ICS3002AI01L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS3002AI40 IDT-ICS3002AI40 Datasheet
3Mb / 23P
175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
More results

Similar Description - ICS3002AI01L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 1, 2005
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 26, 2005
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B APRIL 14, 2005
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com