Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS3002AI01L Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS3002AI01L
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS3002AI01L Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS3002AI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 9Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 10Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 11Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 12Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 13Page - Integrated Circuit Systems ICS3002AI01L Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
843002AGI-01
www.icst.com/products/hiperclocks.html
REV. A JANUARY 6, 2006
10
Integrated
Circuit
Systems, Inc.
ICS843002I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
Figure 5A shows a schematic example of the ICS843002I-01.
An example of LVEPCL termination is shown in this schematic.
Additional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an 18 pF
FIGURE 5A. ICS843002I-01 SCHEMATIC EXAMPLE
parallel resonant 26.5625MHz crystal is used. The C1=27pF
and C2=33pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy.
PC BOARD LAYOUT EXAMPLE
Figure 5B shows an example of ICS843002I-01 P.C. board lay-
out. The crystal X1 footprint shown in this example allows in-
stallation of either surface mount HC49S or through-hole HC49
package. The footprints of other components in this example
are listed in the Table 6. There should be at least one decoupling
capacitor per power pin. The decoupling capacitors should be
located as close as possible to the power pins. The layout as-
sumes that the board has clean analog power ground plane.
FIGURE 5B. ICS843002I-01 PC BOARD LAYOUT EXAMPLE
e
c
n
e
r
e
f
e
Re
z
i
S
2
C
,
1
C2
0
4
0
3
C5
0
8
0
8
C
,
7
C
,
6
C
,
5
C
,
4
C3
0
6
0
2
R3
0
6
0
s
e
z
i
s
t
n
e
n
o
p
m
o
c
s
t
s
il
,
6
e
l
b
a
T
:
E
T
O
N
.
e
l
p
m
a
x
e
t
u
o
y
a
l
s
i
h
t
n
i
n
w
o
h
s
TABLE 6. FOOTPRINT TABLE
ICS843002I-01
VCC
Logic Control Input Examples
C4
0.01u
R3
133
+
-
Optional Termination
R5
133
C7
0.1u
C8
0.1u
VCCA
VCCO
RU2
Not Install
Zo = 50 Ohm
Zo = 50 Ohm
Set Logic
Input to
'1'
R7
50
R4
82.5
C2
33pF
RD2
1K
Zo = 50 Ohm
C9
0.1u
R9
50
To Logic
Input
pins
R2
10
RD1
Not Install
U1
ICS843002i-01
VCC
R6
82.5
VCCO
+
-
18pF
X1
25 MHz
3.3V
VCC
VCC
C6
0.1u
VCC=3.3V
C3
10uF
C1
27pF
VCCO=3.3V
RU1
1K
To Logic
Input
pins
R8
50
Zo = 50 Ohm
Set Logic
Input to
'0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com