Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-06 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS671-06
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-06 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS671-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 671-06 D
2
Revision 050405
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS671-06
Pin Assignment
Output Clock Mode Select Table
Note 1. Outputs are in high impedance state.
Note 2. Buffer mode only; not zero delay between input and output.
Pin Descriptions
12
1
11
2
10
CL K IN
FB IN
3
9
CL K A 1
4
CL K A 2
C L KA4
5
VD D
6
C L KA3
7
GN D
8
CL K B 1
VD D
GN D
C L KB4
CL K B 2
C L KB3
S2
S1
16
15
14
13
16 p in na rro w (1 50 m il) S O IC
a nd 16 pin (1 73 m il )
T S S O P
S2
S1
CLKA1:A4
CLKB1:B4
A & B Source
PLL Status
0
0
Tri-state (note 1)
Tri-state (note 1)
PLL
OFF
0
1
Running
Tri-state (note 1)
PLL
ON
1
0
Running
Running
CLKIN (note 2)
OFF
1
1
Running
Running
PLL
ON
Pin
Number
Pin
Name
Pin Type
Pin Description
1
CLKIN
Input
Clock input.
2 - 3, 14 - 15
CLKA1:A4
Output
Clock outputs A1:A4. See table above.
4
VDD
Power
Power supply. Connect to 3.3 V.
5
GND
Power
Connect to ground.
6 - 7, 10 - 11
CLKB1:B4
Output
Clock outputs B1:B4. See table above.
8
S2
Input
Select input 2. See table above. Internal pull-up.
9
S1
Input
Select input 1. See table above. Internal pull-up.
12
GND
Power
Connect to ground.
13
VDD
Power
Power supply. Connect to 3.3 V.
16
FBIN
Input
Feedback input. Connect to any output under normal operation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com