Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS671-06
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS671-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS671-06 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS671-06
MDS 671-06 D
1
Revision 050405
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Description
The ICS671-06 is a low phase noise, high-speed
PLL-based, 8 output, low skew zero delay buffer.
Based on ICS’ proprietary low jitter Phase-Locked
Loop (PLL) techniques, the device provides eight low
skew outputs at speeds up to 133 MHz at 3.3 V. The
outputs can be generated from the PLL (for zero delay),
or directly from the input (for testing), and can be set to
tri-state mode or to stop at a low level. For normal
operation as a zero delay buffer, any output clock is
tied to the FBIN pin.
ICS manufactures the largest variety of clock
generators and buffers and is the largest clock supplier
in the world.
Features
• Clock outputs from 10 to 133 MHz
• Zero input-output delay
• Eight low skew (<200 ps) outputs
• Device-to-device skew <700 ps
• Low jitter (<200 ps)
• Full CMOS outputs with 25 mA output drive
capability at TTL levels
• 5 V tolerant FBIN and CLKIN pins
• Tri-state mode for board-level testing
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Industrial temperature range available
• Packaged in 16-pin SOIC
• Available in Pb (lead) free package
Not recommended for new designs. See the
MK2308-1H for new designs.
Block Diagram
CLKA4
CLKB1
CLKA3
CLKB2
CLKB3
CLKA2
CLKA1
CLKB4
CLKIN
Control
Logic
1
0
S2, S1
2
Clock
Synthesis
PLL
FBIN
Feedback is shown from CLKB4 for
illustration, but may come from any output.
VDD
2
GND
2


Similar Part No. - ICS671-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS671-01 ICST-ICS671-01 Datasheet
42Kb / 4P
Zero Delay, Low Skew Buffer and Multipler
Revision 051700
logo
Renesas Technology Corp
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results

Similar Description - ICS671-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 100603
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 022505
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Revision 052405
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com