Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11068 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11068
Description  12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11068 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11068 Datasheet HTML 17Page - Maxim Integrated Products MAX11068 Datasheet HTML 18Page - Maxim Integrated Products MAX11068 Datasheet HTML 19Page - Maxim Integrated Products MAX11068 Datasheet HTML 20Page - Maxim Integrated Products MAX11068 Datasheet HTML 21Page - Maxim Integrated Products MAX11068 Datasheet HTML 22Page - Maxim Integrated Products MAX11068 Datasheet HTML 23Page - Maxim Integrated Products MAX11068 Datasheet HTML 24Page - Maxim Integrated Products MAX11068 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
12-Channel, High-Voltage Sensor, Smart
Data-Acquisition Interface
For every module in the battery pack, a 1Fs communi-
cation delay is incurred while the scan command is for-
warded up the SMBus ladder. Therefore, the difference
in the scan completion time from the first module to the
last module in a chain is no more than 1Fs x (no. of mod-
ules in the chain - 1) as shown in Figure 11.
Taking the module conversion time and combining it with
the communication delay, the overall sampling window
of the system can be calculated:
Sampling window = 11.3Fs + (5.67Fs + (no. of cells
enabled per module -1) x 3.83Fs) x 2 phases + ((no. of
modules per pack - 1) x 1Fs per module)
So, for a battery pack that uses 12 cells per module and
a system with four modules (total cell count = 48), the
sampling window would be:
Sampling Window = 11.3 + (5.67 + 11 x 3.83Fs) x 2 +
((4 Modules -1) x 1Fs)
Sampling Window = (106.9Fs) + (3Fs) = 109.9Fs
Thus, from the time the first device receives the scan
command until the last device completes its measure-
ment conversion, 109.9Fs elapse.
The final aspect of the measurement conversion is the
retrieval of data from all devices. A READALL command
is the only way to transfer data from each device. Since
up to 12 cells are measured, the READALL command
must be performed for each cell whose data must be
transferred. For each READALL command, there are 5
total bytes of overhead. These include the broadcast
address byte, the command code byte (register address
to be read), the I2C address byte, the data check byte,
and the packet-error check (PEC) byte. Each of these
bytes has an acknowledge bit associated with it. The
register data from each device consists of 2 more bytes
plus 2 acknowledge bits. Finally, the overall data stream
consists of 3 more bits, start, stop, and repeated start.
Thus, for a read of a single register from all modules, the
total bit count is:
READALL bit count = 3 + 5 x 8 + 5 + no. of modules x
(2 x 8 + 2) = 120
Figure 11. Measurement Scan Timing for a Multimodule System
SCAN AT t0
COMMAND FORWARDING
DELAY = 1µs
MODULE N
tALL MODULES = (NO. OF MODULES X 1µs) + 107µs
MODULE 5
tALL MODULES
MODULE 1
MODULE 2
MODULE 3
MODULE 4
MAX11068
Maxim Integrated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com