Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11068 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11068
Description  12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11068 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11068 Datasheet HTML 1Page - Maxim Integrated Products MAX11068 Datasheet HTML 2Page - Maxim Integrated Products MAX11068 Datasheet HTML 3Page - Maxim Integrated Products MAX11068 Datasheet HTML 4Page - Maxim Integrated Products MAX11068 Datasheet HTML 5Page - Maxim Integrated Products MAX11068 Datasheet HTML 6Page - Maxim Integrated Products MAX11068 Datasheet HTML 7Page - Maxim Integrated Products MAX11068 Datasheet HTML 8Page - Maxim Integrated Products MAX11068 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
12-Channel, High-Voltage Sensor, Smart
Data-Acquisition Interface
ELECTRICAL CHARACTERISTICS (continued)
(TA = TMIN to TMAX, unless otherwise noted. VGNDU = VDCIN = 18V to +60V, typical values are at TA = +25NC, unless otherwise
specified from -40NC to +105NC per the application circuit in Figure 4.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR REGULATOR +3.4V (VAA)
Input Voltage Range
VDCIN
0 < ILOAD < 8mA
6.0
70
V
Output Voltage
VVAA
0 < ILOAD < 8mA;
6V < VDCIN < 70V
3.25
3.4
3.55
V
Short-Circuit Current
VAA = 0V, 6V < VDCIN < 30V
60
mA
Power-On Reset Threshold
(Note 3)
Falling VAA
2.85
2.95
3.05
V
Rising VAA
2.9
3.0
3.1
POR threshold hysteresis
0.01
40
80
mV
Thermal Shutdown
Rising temperature
+145
N
C
Thermal-Shutdown Hysteresis
15
N
C
CHARGE PUMP +3.4V
Output Voltage
VVDDU - VGNDU
ILOAD = 0 at 0.1FF CP+ to CP-
3.2
3.4
3.55
V
1mA = ILOAD at 0.1FF CP+ to CP-
3.2
2.5
3.55
Charge-Pump Efficiency
IVDDU/IGNDU - IVDDU at 2.7V,
VDDU - GNDU
60
89
99
%
Charge-Pump Undervoltage
Threshold
VCPUV
2.0
2.7
3.2
V
INTERNAL OSCILLATORS (32.768kHz, 6.0MHz)
Internal 32.768kHz Oscillator
Frequency
fWD-OSC
32.113 32.768 33.423
kHz
Internal 6.0MHz Oscillator
Frequency
fHF-OSC
5.82
6.0
6.18
MHz
I2C LOWER PORT SCLL, SDAL, ALRML (Relative to GNDL, VDDL = Nominal 3.4V)
SDAL, SCLL Input Voltage Low
0.3 x
VVDDL
V
SDAL, SCLL Input Voltage High
0.7 x
VVDDL
V
SDAL, SCLL Input Hysteresis
0.2
0.1 x
VVDDL
0.5
V
SDAL, ALRML Output Voltage Low
At sink = 3mA
0.4
V
SDAL, SCLL Leakage Current
VSDAL = VSCLL = 1.5V
1.0
F
A
SDAL, Managed Resistance
RACTIVE_EDGE Active edge
0.5
1
3
kI
Managed passive state
35
50
75
Off passive state
1
MI
tONE_SHOT
tONE_SHOT (active edge pulse)
150
250
380
ns
SDAL 1-TAU Capacitance
C1_TAU
SDAL rises to 70% within active edge
time when loaded with this capacitance
120
280
550
pF
ALRML Output High Voltage
At source = 3mA
VDDL -
0.4
V
ALRML Heartbeat Frequency
OSC = 32.768kHz Q2.0%
16,000 16,384 16,711
kHz
Lower Port Input Capacitance
SCLL, SDAL, ALRML
15
pF
MAX11068
4
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com