Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS680-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS680-01
Description  Networking Clock Synthesizer and Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS680-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS680-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Networking Clock Synthesizer and Zero Delay Buffer
MDS 680-01 F
2
Revision 020305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS680-01
Pin Assignment
Output Clock Select Table
Pin Descriptions
13
4
5
CLK1
8
9
10
25M
Q1
QFB
48M
Q2
VDD
17
16
VDD
3
S0
VDD
S1
18
PDTS
1
X1/ICLK
GND
VDD
20
X2
19
14
2
7
GND
GND
ICLK
VDD
15
6
24-pin TSSOP
11
12
GND
Q3
CLK2
Q4
21
22
23
24
S0
S1
CLK1 (MHz)
CLK2 (MHz)
MM
OFF
48
0
0
50
48
0
1
66.6666
48
1
0
50
24
1
1
66.6666
24
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal input. Connect this pin to a crystal or external clock source.
2
GND
Power
Connect to ground.
3
S0
Input
Select pin 0. See table above.
4
VDD
Power
Connect to voltage supply.
5
CLK1
Output
Selectable output clock. See table above. Weak internal pull-down when
tri-state.
6
GND
Power
Connect to ground.
7
GND
Power
Connect to ground.
8
Q1
Output
Clock output 1. Weak internal pull-down when tri-state.
9
Q2
Output
Clock output 2. Weak internal pull-down when tri-state.
10
VDD
Power
Connect to voltage supply.
11
Q3
Output
Clock output 3. Weak internal pull-down when tri-state.
12
Q4
Output
Clock output 4. Weak internal pull-down when tri-state.
13
GND
Power
Connect to ground.
14
CLK2
Output
Selectable output clock. See table above. Weak internal pull-down when
tri-state.
15
48M
Output
48 MHz output clock. Weak internal pull-down when tri-state.
16
VDD
Power
Connect to voltage supply.
17
QFB
Output
Feedback pin. Internally connected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com