Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS680-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS680-01
Description  Networking Clock Synthesizer and Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS680-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS680-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS680-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Networking Clock Synthesizer and Zero Delay Buffer
MDS 680-01 F
6
Revision 020305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS680-01
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: Measured with a 15 pF load.
Note 2: Duty cycle is configuration dependent. Most configurations are min 45% / max 55%.
Note 3: Skew is measured at 1.4 V on rising edges with a 33 MHz ICLK.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
X1
25
MHz
ICLK
33
MHz
Output Frequency
fOUT
Q0 to Q3, QFB, Note 1
33
MHz
Output Rise Time
tOR
20% to 80%, Note 1
1.5
ns
Output Fall Time
tOF
80% to 20%, Note 1
1.5
ns
Output Clock Duty Cycle
tD
at VDD/2, Note 2
40
60
%
Power-up Time
PLL lock-time from
power-up to 1% of final
frequency
10
ms
PDTS goes high until
stable CLK outputs at
1% of final frequency
2ms
One Sigma Clock Period Jitter
Configuration
dependent
50
ps
Maximum Absolute Jitter
tja
Deviation from mean.
Configuration
dependent.
±200
ps
QFB to ICLK Skew
tPD
Measured at VDD/2,
Note 3
-350
350
Pin-to-pin Skew
QFB, Q0 to Q3, Note 3
-250
250
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com