Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83023AMIT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83023AMIT
Description  DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83023AMIT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83023AMIT Datasheet HTML 1Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 2Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 3Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 4Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 5Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 6Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 7Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 8Page - Integrated Circuit Systems ICS83023AMIT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
83023AMI
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
1
Integrated
Circuit
Systems, Inc.
ICS83023I
DUAL, 1-TO-1
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
GENERAL DESCRIPTION
The ICS83023I is a dual, 1-to-1 Differential-to-
LVCMOS Translator/Fanout Buffer and a mem-
ber of the HiPerClockS™ family of High Perfor-
mance Clock Solutions from ICS. The differen-
tial inputs can accept most differential signal
types (LVDS, LVHSTL, LVPECL, SSTL, and HCSL) and
translate into two single-ended LVCMOS outputs. The small
8-lead SOIC footprint makes this device ideal for use in ap-
plications with limited board space.
Features
• Two LVCMOS / LVTTL outputs
• Two differential CLKx, nCLKx input pairs
• CLK, nCLK pairs can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 350MHz (typical)
• Output skew: 60ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Additive phase jitter, RMS: 0.14ps (typical)
• Small 8 lead SOIC package saves board space
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS83023I
8-Lead SOIC
3.8mm x 4.8mm x 1.47mm package body
M Package
Top View
CLK0
nCLK0
nCLK1
CLK1
1
2
3
4
HiPerClockS™
ICS
VDD
Q0
Q1
GND
8
7
6
5
Q0
CLK0
nCLK0
Q1
CLK1
nCLK1


Similar Part No. - ICS83023AMIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83023AMIT IDT-ICS83023AMIT Datasheet
328Kb / 13P
DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
More results

Similar Description - ICS83023AMIT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
MC100EPT24 ONSEMI-MC100EPT24_16 Datasheet
164Kb / 8P
LVTTL/LVCMOS to Differential LVECL Translator
August, 2016 ??Rev. 10
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
Integrated Device Techn...
830S21I IDT-830S21I Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
83023I IDT-83023I Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
logo
Renesas Technology Corp
83023I RENESAS-83023I Datasheet
323Kb / 14P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
December 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com