Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83023I Datasheet (PDF) - Renesas Technology Corp

83023I Datasheet PDF - Renesas Technology Corp
Part # 83023I
Download  83023I Download
File Size   323.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer

83023I Datasheet (PDF)

Go To PDF Page Download Datasheet
83023I Datasheet PDF - Renesas Technology Corp

Part # 83023I
Download  83023I Click to download

File Size   323.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer

83023I Datasheet (HTML) - Renesas Technology Corp


83023I Product details

Features
• Two LVCMOS / LVTTL outputs
• Two differential CLKx, nCLKx input pairs
• CLK, nCLK pairs can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 350MHz (typical)
• Output skew: 60ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Additive phase jitter, RMS: 0.14ps (typical)
• Small 8 lead SOIC package saves board space
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature




Similar Part No. - 83023I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83023I IDT-83023I Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
More results


Similar Description - 83023I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS830-23I ICST-ICS830-23I Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
logo
Integrated Device Techn...
ICS83023I IDT-ICS83023I Datasheet
328Kb / 13P
DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
83023I IDT-83023I Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com