Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83023I Datasheet (PDF) - Integrated Device Technology

ICS83023I Datasheet PDF - Integrated Device Technology
Part # ICS83023I
Download  ICS83023I Download
File Size   328.14 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER

ICS83023I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83023I Datasheet PDF - Integrated Device Technology

Part # ICS83023I
Download  ICS83023I Click to download

File Size   328.14 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER

ICS83023I Datasheet (HTML) - Integrated Device Technology


ICS83023I Product details

GENERAL DESCRIPTION
The ICS83023I is a dual, 1-to-1 Differential-toLVCMOS Translator/Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The differential inputs can accept most differential signal types (LVDS, LVHSTL, LVPECL, SSTL, and HCSL) and translate into two single-ended LVCMOS outputs. The small 8-lead SOIC footprint makes this device ideal for use in applications with limited board space.

Features
• Two LVCMOS / LVTTL outputs
• Two differential CLKx, nCLKx input pairs
• CLK, nCLK pairs can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 350MHz (typical)
• Output skew: 60ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Additive phase jitter, RMS: 0.14ps (typical)
• Small 8 lead SOIC package saves board space
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant packages




Similar Part No. - ICS83023I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83023AMI ICST-ICS83023AMI Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023AMILF ICST-ICS83023AMILF Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023AMILFT ICST-ICS83023AMILFT Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023AMIT ICST-ICS83023AMIT Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
More results


Similar Description - ICS83023I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
ICS830S21I IDT-ICS830S21I Datasheet
693Kb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
ICS830S21I-01 IDT-ICS830S21I-01 Datasheet
4Mb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S_16 Datasheet
249Kb / 11P
1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
83023I IDT-83023I Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
logo
Renesas Technology Corp
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
83023I RENESAS-83023I Datasheet
323Kb / 14P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
December 14, 2015
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com