Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQT1-FP-R4-V1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IQT1-FP-R4-V1
Description  Read/write station
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IQT1-FP-R4-V1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IQT1-FP-R4-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IQT1-FP-R4-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IQT1-FP-R4-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. IQT1-FP-R4-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Read/write station
IQT1-FP-R4-V1
< Operating frequency 13.56 MHz
< Conforms to ISO 15693
< Dual-LED for function display
< Connection via V1 (M12 x 1) plug connection
< Degree of protection IP67
< Connection via integrated RS-485 interface
HF R/W system, ISO 15693
Dimensions
Ø5.3
M20 x 1.5
80
65
LED
M12 x 1
Technical Data
General specifications
Operating frequency
13.56 MHz
Transfer rate
26 kBit/s
Sensing range
Read distance
0 ... 130 mm
Write distance
0 ... 130 mm
Width
max. 100 mm
UL File Number
E87056
Functional safety related parameters
MTTFd
220 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
LED green/yellow
green: power on
green flashing: read/write attempt performed
yellow: data carrier detected
Electrical specifications
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IQT1-FP-R4-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IQT1-FP-IO-V1 PF-IQT1-FP-IO-V1 Datasheet
1Mb / 4P
Read/write station
More results

Similar Description - IQT1-FP-R4-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IUT-F190-B40-2V1D-FR1-01 PF-IUT-F190-B40-2V1D-FR1-01 Datasheet
809Kb / 3P
Read/write station
IQT1-18GM-IO-V1 PF-IQT1-18GM-IO-V1 Datasheet
1Mb / 4P
Read/write station
IQT1-18GM-R4-V1 PF-IQT1-18GM-R4-V1 Datasheet
878Kb / 4P
Read/write station
IUT-F190-R4-V1-FR1-01 PF-IUT-F190-R4-V1-FR1-01 Datasheet
809Kb / 4P
Read/write station
IUT-F190-R4-V1-FR1-05 PF-IUT-F190-R4-V1-FR1-05 Datasheet
798Kb / 3P
Read/write station
IUT-F190-R4-V1-FR1-06 PF-IUT-F190-R4-V1-FR1-06 Datasheet
798Kb / 3P
Read/write station
IUT-F190-R4-V1-FR2-13 PF-IUT-F190-R4-V1-FR2-13 Datasheet
830Kb / 3P
Read/write station
IUT-F190-R4-V1-FR2-14 PF-IUT-F190-R4-V1-FR2-14 Datasheet
831Kb / 3P
Read/write station
IQT-F116-R4M-V1 PF-IQT-F116-R4M-V1 Datasheet
672Kb / 3P
Read/write station
IQT1-F61-R4-V1 PF-IQT1-F61-R4-V1 Datasheet
868Kb / 4P
Read/write station
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com