Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQT1-FP-R4-V1 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IQT1-FP-R4-V1
Description  Read/write station
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IQT1-FP-R4-V1 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IQT1-FP-R4-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IQT1-FP-R4-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IQT1-FP-R4-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. IQT1-FP-R4-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Rated operating voltage
Ue
10 ... 30 V DC , ripple 10 %SS , limited power source (EN 60950)
Power consumption
P0
≤ 1.3 W
Interface
Physical
RS-485 point-to-point connection
Protocol
ASCII
Transfer rate
1200, 2400, 4800, 9600, 19200, 38400 (default) Bit/s
Cable length
≤ 3 m
Directive conformity
Radio equipment
Directive 2014/53/EU
EN 301489-1
EN 301489-3
EN 300330
EN 62368-1
EN 50364
RoHS
Directive 2011/65/EU (RoHS)
EN 50581
Standard conformity
Degree of protection
EN 60529
RFID
ISO/IEC 15693-2
ISO/IEC 15693-3
ISO/IEC 18000-3
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Degree of protection
IP67
Connection
connector M12 x 1
Material
Housing
PBT
Base
diecast aluminum
Encapsulation compound
CY 221/HY 2966
Installation
Distance between two heads
≥ 150 mm
Mass
approx. 380 g
Connection
Shield
+
A
-
B
1
2
3
4
1
4
2
3
Accessories
IQC21-16 50pcs
Data carrier
IQC21-30 25pcs
Data carrier
IQC21-50F-T10
Data carrier
Read/write station
IQT1-FP-R4-V1
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com