Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893BK Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS1893BK
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893BK Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS1893BK Datasheet HTML 2Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 3Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 4Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 5Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 6Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 7Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 8Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 9Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 133 page
background image
ICS1893BF, Rev. C, 9/29/05
September, 2005
6
Table of Contents
ICS1893BF Data Sheet - Release
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
Table of Contents
Section
Title
Page
7.11
Register 16: Extended Control Register ................................................................76
7.11.1
Command Override Write Enable (bit 16.15) .........................................................77
7.11.2
ICS Reserved (bits 16.14:11) .................................................................................77
7.11.3
PHY Address (bits 16.10:6) ...................................................................................77
7.11.4
Stream Cipher Scrambler Test Mode (bit 16.5) .....................................................77
7.11.5
ICS Reserved (bit 16.4) .........................................................................................77
7.11.6
NRZ/NRZI Encoding (bit 16.3) ...............................................................................77
7.11.7
Invalid Error Code Test (bit 16.2) ...........................................................................78
7.11.8
ICS Reserved (bit 16.1) .........................................................................................78
7.11.9
Stream Cipher Disable (bit 16.0) ............................................................................78
7.12
Register 17: Quick Poll Detailed Status Register ...................................................79
7.12.1
Data Rate (bit 17.15) ..............................................................................................80
7.12.2
Duplex (bit 17.14) ...................................................................................................80
7.12.3
Auto-Negotiation Progress Monitor (bits 17.13:11) ................................................80
7.12.4
100Base-TX Receive Signal Lost (bit 17.10) .........................................................81
7.12.5
100Base PLL Lock Error (bit 17.9) .........................................................................81
7.12.6
False Carrier (bit 17.8) ...........................................................................................82
7.12.7
Invalid Symbol (bit 17.7) ........................................................................................82
7.12.8
Halt Symbol (bit 17.6) ............................................................................................82
7.12.9
Premature End (bit 17.5) ........................................................................................83
7.12.10
Auto-Negotiation Complete (bit 17.4) .....................................................................83
7.12.11
100Base-TX Signal Detect (bit 17.3) .....................................................................83
7.12.12
Jabber Detect (bit 17.2) .........................................................................................83
7.12.13
Remote Fault (bit 17.1) ..........................................................................................83
7.12.14
Link Status (bit 17.0) ..............................................................................................83
7.13
Register 18: 10Base-T Operations Register ..........................................................84
7.13.1
Remote Jabber Detect (bit 18.15) ..........................................................................84
7.13.2
Polarity Reversed (bit 18.14) .................................................................................85
7.13.3
ICS Reserved (bits 18.13:6) ...................................................................................85
7.13.4
Jabber Inhibit (bit 18.5) ..........................................................................................85
7.13.5
ICS Reserved (bit 18.4) .........................................................................................85
7.13.6
Auto Polarity Inhibit (bit 18.3) .................................................................................85
7.13.7
SQE Test Inhibit (bit 18.2) ......................................................................................85
7.13.8
Link Loss Inhibit (bit 18.1) ......................................................................................86
7.13.9
Squelch Inhibit (bit 18.0) ........................................................................................86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com