Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893BK Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1893BK
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893BK Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1893BK Datasheet HTML 3Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 4Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 5Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 6Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 7Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 8Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 9Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 10Page - Integrated Circuit Systems ICS1893BK Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
Table of Contents
ICS1893BF, Rev. C, 9/29/05
September, 2005
7
ICS1893BF Data Sheet Rev. C - Release
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
Table of Contents
Section
Title
Page
7.14
Register 19: Extended Control Register 2 .............................................................87
7.14.1
Node Configuration (bit 19.15) ...............................................................................88
7.14.2
Hardware/Software Priority Status (bit 19.14) ........................................................88
7.14.3
Remote Fault (bit 19.13) ........................................................................................88
7.14.4
ICS Reserved (bits 19.12:10) .................................................................................88
7.14.5
Auto-MDI/MDIX (bits 19. 9:13)................................................................................88
7.14.6
Twisted Pair Tri-State Enable, TPTRI (bit 19.7) .....................................................89
7.14.7
ICS Reserved (bits 19.6:1) .....................................................................................89
7.14.8
Automatic 100Base-TX Power-Down (bit 19.0) .....................................................89
Chapter 8
Pin Diagram, Listings, and Descriptions ....................................................................... 90
8.1
ICS1893BF Pin Diagram ........................................................................................90
8.2
ICS1893BF Pin Descriptions .................................................................................91
8.2.1
Transformer Interface Pins .....................................................................................92
8.2.2
Multi-Function (Multiplexed) Pins: PHY Address and LED Pins .............................92
8.2.3
Configuration Pins...................................................................................................96
8.2.4
MAC Interface Pins .................................................................................................97
8.2.5
Ground and Power Pins........................................................................................101
8.3
ICS1893BK Pin Diagram with MDIX Pinout (56L, 8x8 MLF2) ..............................102
8.3.1
ICS1893BK Pin Descriptions ................................................................................103
8.3.2
Transformer Interface Pins ...................................................................................104
8.3.3
Ground and Power Pins........................................................................................105
Chapter 9
DC and AC Operating Conditions................................................................................. 106
9.1
Absolute Maximum Ratings .................................................................................106
9.2
Recommended Operating Conditions ..................................................................106
9.3
Recommended Component Values .....................................................................107
9.4
DC Operating Characteristics ..............................................................................108
9.4.1
DC Operating Characteristics for Supply Current ................................................108
9.4.2
DC Operating Characteristics for TTL Inputs and Outputs ..................................108
9.4.3
DC Operating Characteristics for REF_IN ...........................................................109
9.4.4
DC Operating Characteristics for Media Independent Interface ..........................109
9.5
Timing Diagrams ..................................................................................................110
9.5.1
Timing for Clock Reference In (REF_IN) Pin .......................................................110
9.5.2
Timing for Transmit Clock (TXCLK) Pins .............................................................111
9.5.3
Timing for Receive Clock (RXCLK) Pins ..............................................................112
9.5.4
100M MII: Synchronous Transmit Timing .............................................................113
9.5.5
10M MII: Synchronous Transmit Timing ..............................................................114
9.5.6
100M/MII Media Independent Interface: Synchronous Receive Timing ...............115
9.5.7
MII Management Interface Timing .......................................................................116
9.5.8
10M Media Independent Interface: Receive Latency ...........................................117
9.5.9
10M Media Independent Interface: Transmit Latency...........................................118
9.5.10
100M/MII Media Independent Interface: Transmit Latency...................................119
9.5.11
100M MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission)................120
9.5.12
10M MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission)..................121
9.5.13
100M MII Media Independent Interface: Receive Latency....................................122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com