Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 5 Page - Integrated Circuit Systems

  TBD Datasheet HTML 1Page - Integrated Circuit Systems TBD Datasheet HTML 2Page - Integrated Circuit Systems TBD Datasheet HTML 3Page - Integrated Circuit Systems TBD Datasheet HTML 4Page - Integrated Circuit Systems TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
843011CG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
5
Integrated
Circuit
Systems, Inc.
ICS843011C
FEMTOCLOCKS™ CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
PRELIMINARY
APPLICATION INFORMATION
Figure 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS843011C has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using a 26.5625MHz, 18pF
parallel resonant crystal and were chosen to minimize the
ppm error. The optimum C1 and C2 values can be slightly
adjusted for different board layouts.
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS843011C provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC and VCCA
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
C1
33p
X1
18pF Parallel Crystal
C2
22p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com