Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button TBD Datasheet HTML 2Page - Integrated Circuit Systems TBD Datasheet HTML 3Page - Integrated Circuit Systems TBD Datasheet HTML 4Page - Integrated Circuit Systems TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems TBD Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
843011CG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
6
Integrated
Circuit
Systems, Inc.
ICS843011C
FEMTOCLOCKS™ CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
PRELIMINARY
APPLICATION SCHEMATIC
Figure 3A shows a schematic example of the ICS843011C.
An example of LVEPCL termination is shown in this sche-
matic. Additional LVPECL termination approaches are shown
in the LVPECL Termination Application Note. In this example,
an 18 pF parallel resonant 26.5625MHz crystal is used for
generating 106.25MHz output frequency. The C1 = 27pF and
C2 = 33pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 values may be slightly
adjusted for optimizing frequency accuracy.
FIGURE 3A. ICS843011C SCHEMATIC EXAMPLE
FIGURE 3B. ICS843011 PC BOARD LAYOUT EXAMPLE
PC BOARD LAYOUT EXAMPLE
Figure 3B shows an example of ICS843011C P.C. board lay-
out. The crystal X1 footprint shown in this example allows
installation of either surface mount HC49S or through-hole
HC49 package. The footprints of other components in this
example are listed in the Table 6. There should be at least one
decoupling capacitor per power pin. The decoupling capaci-
tors should be located as close as possible to the power pins.
The layout assumes that the board has clean analog power
ground plane.
TABLE 6. FOOTPRINT TABLE
e
c
n
e
r
e
f
e
Re
z
i
S
2
C
,
1
C2
0
4
0
3
C5
0
8
0
5
C
,
4
C3
0
6
0
2
R3
0
6
0
t
n
e
n
o
p
m
o
c
s
t
s
il
,
6
e
l
b
a
T
:
E
T
O
N
.
e
l
p
m
a
x
e
t
u
o
y
a
l
s
i
h
t
n
i
n
w
o
h
s
s
e
z
i
s
R5
50
Zo = 50 Ohm
C4
0.1u
C2
33pF
XTAL_IN
Q
nQ
18pF
VCCA
R5
133
R2
10
Zo = 50 Ohm
C5
0.1u
R6
50
Zo = 50 Ohm
R4
82.5
+
-
Optional
Y-Termination
Q
XTAL_OUT
X1
26.5625MHz
Zo = 50 Ohm
nQ
VCC
VCC
C1
27pF
+
-
R7
50
U2
843011C
1
2
3
4
8
7
6
5
VCCA
VEE
XTAL_OUT
XTAL_IN
VCC
Q
nQ
nc
R6
82.5
C3
10uF
VCC
R3
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com