Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

021AL Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # 021AL
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

021AL Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button 021AL Datasheet HTML 5Page - Integrated Circuit Systems 021AL Datasheet HTML 6Page - Integrated Circuit Systems 021AL Datasheet HTML 7Page - Integrated Circuit Systems 021AL Datasheet HTML 8Page - Integrated Circuit Systems 021AL Datasheet HTML 9Page - Integrated Circuit Systems 021AL Datasheet HTML 10Page - Integrated Circuit Systems 021AL Datasheet HTML 11Page - Integrated Circuit Systems 021AL Datasheet HTML 12Page - Integrated Circuit Systems 021AL Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
843021AG
www.icst.com/products/hiperclocks.html
REV. C MARCH 31, 2005
12
Integrated
Circuit
Systems, Inc.
ICS843021
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
TABLE 9. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
G
A
1
2
0
3
4
8
S
C
IA
1
2
0
3P
O
S
S
T
d
a
e
l
8e
b
u
tC
°
0
7
o
t
C
°
0
T
G
A
1
2
0
3
4
8
S
C
IA
1
2
0
3P
O
S
S
T
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
G
A
1
2
0
3
4
8
S
C
IL
A
1
2
0P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
G
A
1
2
0
3
4
8
S
C
IL
A
1
2
0P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
l
8l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N
The aforementioned trademarks, HiPerClockS™ and FemtoClocks™ are a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com