Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

021AL Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # 021AL
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

021AL Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button 021AL Datasheet HTML 5Page - Integrated Circuit Systems 021AL Datasheet HTML 6Page - Integrated Circuit Systems 021AL Datasheet HTML 7Page - Integrated Circuit Systems 021AL Datasheet HTML 8Page - Integrated Circuit Systems 021AL Datasheet HTML 9Page - Integrated Circuit Systems 021AL Datasheet HTML 10Page - Integrated Circuit Systems 021AL Datasheet HTML 11Page - Integrated Circuit Systems 021AL Datasheet HTML 12Page - Integrated Circuit Systems 021AL Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
843021AG
www.icst.com/products/hiperclocks.html
REV. C MARCH 31, 2005
13
Integrated
Circuit
Systems, Inc.
ICS843021
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
T
E
E
H
S
Y
R
O
T
S
I
H
N
O
I
S
I
V
E
R
v
e
Re
l
b
a
Te
g
a
Pe
g
n
a
h
C
f
o
n
o
i
t
p
i
r
c
s
e
De
t
a
D
B
4
T
5
T
1
3
3
.
e
l
b
a
T
n
o
i
t
c
n
u
F
d
e
d
d
A
.
s
t
e
ll
u
b
e
g
n
a
r
O
C
V
&
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
,
l
a
t
s
y
r
C
d
e
t
a
d
p
u
-
n
o
i
t
c
e
s
s
e
r
u
t
a
e
F
o
t
l
a
c
i
p
y
t
z
H
M
5
2
m
o
r
f
y
c
n
e
u
q
e
r
F
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
t
s
y
r
C
.
1
e
t
o
N
d
e
d
d
A
.
x
a
m
z
H
M
0
4
d
n
a
.
n
i
m
z
H
M
4
1
o
t
l
a
c
i
p
y
t
z
H
M
5
2
1
m
o
r
f
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
.
x
a
m
z
H
M
0
4
1
d
n
a
.
n
i
m
z
H
M
2
1
1
4
0
/
6
/
0
1
B9
T2
1
0
0
1
o
t
e
b
u
t
r
e
p
4
5
1
m
o
r
f
t
n
u
o
c
d
e
t
c
e
r
r
o
c
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
4
0
/
5
1
/
0
1
C
A
3
T3
V
d
e
s
a
e
r
c
n
i
-
e
l
b
a
T
y
l
p
p
u
S
r
e
w
o
P
C
C
d
e
t
c
e
l
f
e
r
s
i
d
n
a
%
5
m
o
r
f
%
0
1
±
V
3
.
3
o
t
.
t
e
e
h
s
a
t
a
d
e
h
t
t
u
o
h
g
u
o
r
h
t
4
0
/
3
/
1
1
C
6
T
7
T
9
T
3
8
0
1
2
1
.
w
o
l
f
r
i
a
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
e
g
a
k
c
a
P
d
e
t
c
e
r
r
o
c
-
s
g
n
i
t
a
R
m
u
m
i
x
a
M
e
t
u
l
o
s
b
A
.
w
o
l
f
r
i
a
d
e
t
c
e
r
r
o
c
-
e
l
b
a
T
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
.
e
l
b
a
t
n
i
w
o
l
f
r
i
a
d
e
t
c
e
r
r
o
C
.
g
n
i
k
r
a
m
d
e
t
c
e
r
r
o
c
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
4
0
/
0
3
/
1
1
C
9
T
1
2
1
.
t
e
ll
u
b
e
e
r
F
-
d
a
e
L
d
e
d
d
a
-
n
o
i
t
c
e
S
s
e
r
u
t
a
e
F
.
r
e
b
m
u
n
t
r
a
p
e
e
r
F
-
d
a
e
L
d
e
d
d
a
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
5
0
/
1
3
/
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com