Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843256 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843256
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843256 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843256 Datasheet HTML 1Page - Integrated Circuit Systems ICS843256 Datasheet HTML 2Page - Integrated Circuit Systems ICS843256 Datasheet HTML 3Page - Integrated Circuit Systems ICS843256 Datasheet HTML 4Page - Integrated Circuit Systems ICS843256 Datasheet HTML 5Page - Integrated Circuit Systems ICS843256 Datasheet HTML 6Page - Integrated Circuit Systems ICS843256 Datasheet HTML 7Page - Integrated Circuit Systems ICS843256 Datasheet HTML 8Page - Integrated Circuit Systems ICS843256 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
843256AM
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 29, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843256
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS843256 is a Crystal-to-3.3V LVPECL
Clock Synthesizer/Fanout Buffer designed for
Fibre Channel and Gigabit Ethernet applications
and is a member of the HiperClockS™ family of
High Performance Clock Solutions from ICS. The
output frequency can be set using the frequency select
pins and a 25MHz crystal for Ethernet frequencies, or a
19.44MHz crystal for SONET. The low phase noise charac-
teristics of the ICS843256 make it an ideal clock for these
demanding applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Six LVPECL outputs
• Crystal oscillator interface
• Output frequency range: 53.125MHz to 333.3333MHz
• Crystal input frequency range: 25MHz to 33.333MHz
• RMS phase jitter at 125MHz, using a 25MHz crystal
(1.875MHz to 20MHz): 0.33ps (typical)
• Full 3.3V or 3.3V core, 2.5V output supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
Q0
ICS843256
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm
body package
M Package
Top View
VCCO
VCCO
nQ2
Q2
nQ1
Q1
nQ0
Q0
PLL_BYPASS
VCCA
VCC
FB_SEL
1
2
3
4
5
6
7
8
9
10
11
12
Q3
nQ3
Q4
nQ4
Q5
nQ5
N_SEL1
VEE
VEE
N_SEL0
XTAL_OUT
XTAL_IN
OSC
PLL
Feedback
Divider
Output
Divider
1
0
XTAL_IN
XTAL_OUT
PLL_BYPASS
nQ0
24
23
22
21
20
19
18
17
16
15
14
13
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
FB_SEL
N_SEL1
N_SEL0
Pullup
Pulldown
Pullup
Pullup
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
body package
G Package
Top View
SELECT FUNCTION TABLE
s
t
u
p
n
In
o
i
t
c
n
u
F
L
E
S
_
B
F1
L
E
S
_
N0
L
E
S
_
Ne
d
i
v
i
D
Me
d
i
v
i
D
NN
/
M
00
0
5
21
5
2
00
1
5
22
5
.
2
1
01
0
5
24
5
2
.
6
01
1
5
25
5
10
0
2
31
2
3
10
1
2
32
6
1
11
0
2
34
8
11
1
2
38
4
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS843256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843256BGILF IDT-ICS843256BGILF Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843256BGILFT IDT-ICS843256BGILFT Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843256BGLF IDT-ICS843256BGLF Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
ICS843256BGLFT IDT-ICS843256BGLFT Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
More results

Similar Description - ICS843256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com