Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84327 Datasheet (PDF) - Integrated Circuit Systems

ICS84327 Datasheet PDF - Integrated Circuit Systems
Part # ICS84327
Download  ICS84327 Download
File Size   249.2 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER

ICS84327 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84327 Datasheet PDF - Integrated Circuit Systems

Part # ICS84327
Download  ICS84327 Click to download

File Size   249.2 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER

ICS84327 Datasheet (HTML) - Integrated Circuit Systems


ICS84327 Product details

GENERAL DESCRIPTION
The ICS84327 is a Crystal-to-3.3V LVPECL Clock Synthesizer/Fanout Buffer designed for SONET, 10 Gigabit Fibre Channel and 10 Gigabit Ethernet applications and is a member of the HiperClockS family of High Performance Clock Solutions from ICS. The output frequency can be set using the frequency select pins and a 19.44MHz crystal for SONET frequencies, or a 25MHz crystal for 10 Gigabit Ethernet frequencies, or a 25.5MHz crystal for a 10 Gigabit Fibre Channel. The low phase noise characteristics of the ICS84327 make it an ideal clock for these demanding applications.

FEATURES
• 6 LVPECL outputs
• Crystal oscillator interface
• Output frequency range: 77.76MHz to 625MHz
• Crystal input frequency: 19.44MHz, 25MHz or 25.5MHz
• RMS phase jitter at 155.52MHz, using a 19.44MHz crystal (12KHz to 20MHz): 3.4ps (typical)
    Phase noise:
     Offset                     Noise Power
       100Hz .................. -92 dBc/Hz
        1KHz ................ -105 dBc/Hz
      10KHz ................ -122 dBc/Hz
    100KHz ................ -123 dBc/Hz
• Full 3.3V or 3.3V core, 2.5V output supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS84327

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-101 ICST-ICS8432-101 Datasheet
198Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 1, 2005
logo
Renesas Technology Corp
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
logo
Integrated Device Techn...
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS8432-11 ICST-ICS8432-11 Datasheet
187Kb / 16P
700MHZ/350MHZ, LOW PHASE NOISE, CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. E MAY 20, 2005
ICS8432-111 ICST-ICS8432-111 Datasheet
278Kb / 17P
700MHZ/350MHZ DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MARCH 3, 2004
More results


Similar Description - ICS84327

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84314 ICST-ICS84314 Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843256 IDT-843256 Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com