Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84314 Datasheet (PDF) - Renesas Technology Corp

84314 Datasheet PDF - Renesas Technology Corp
Part # 84314
Download  84314 Download
File Size   458.56 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer

84314 Datasheet (PDF)

Go To PDF Page Download Datasheet
84314 Datasheet PDF - Renesas Technology Corp

Part # 84314
Download  84314 Click to download

File Size   458.56 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer

84314 Datasheet (HTML) - Renesas Technology Corp


84314 Product details

FEATURES
• Fully integrated PLL
• 4 differential 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS TEST_CLK input
• Output frequency range: 62.5MHz to 350MHz
• VCO range: 250MHz to 700MHz
• Parallel interface for programming counter
and output dividers during power-up
• Serial 3 wire interface
• Cycle-to-cycle jitter: 23ps (typical)
• Output skew: 16ps (typical)
• Output duty cycle: 49% < odc < 51%, fout ≤ 125MHz
• Full 3.3V or mixed 3.3V core, 2.5V operating supply
• 0°C to 85°C ambient operating temperature
• Lead-Free package available




Similar Part No. - 84314

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
84314 IDT-84314 Datasheet
327Kb / 19P
LVPECL Frequency Synthesizer W/Fanout Buffer
84314AYLF IDT-84314AYLF Datasheet
327Kb / 19P
LVPECL Frequency Synthesizer W/Fanout Buffer
More results


Similar Description - 84314

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84314 ICST-ICS84314 Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com