Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84324 Datasheet (PDF) - Integrated Circuit Systems

ICS84324 Datasheet PDF - Integrated Circuit Systems
Part # ICS84324
Download  ICS84324 Download
File Size   177.04 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER

ICS84324 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84324 Datasheet PDF - Integrated Circuit Systems

Part # ICS84324
Download  ICS84324 Click to download

File Size   177.04 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER

ICS84324 Datasheet (HTML) - Integrated Circuit Systems


ICS84324 Product details

GENERAL DESCRIPTION
The ICS84324 is a Crystal-to-3.3V LVPECL Frequency Synthesizer with Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. Output frequency can be programmed using frequency select pins. The low phase noise characteristics of the ICS84324 make it an ideal clock source for Fibre Channel 1 and Gigabit Ethernet applications.

FEATURES
• 6 differential 3.3V LVPECL outputs
• Crystal oscillator interface
• Output frequency range: 53.125MHz to 125MHz
• Crystal input frequency: 25MHz and 25.5MHz
• RMS phase jitter at 106.25MHz, using a 25.5MHz crystal (637KHz to 10Mhz): 2.69ps
• Phase noise:
    Offset                    Noise Power
    100Hz ................. -96 dBc/Hz
      1KHz ................. -115 dBc/Hz
    10KHz ................. -125 dBc/Hz
    100KHz .................-127 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial termperature information available upon request




Similar Part No. - ICS84324

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BG RENESAS-ICS843241BG Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-100 RENESAS-ICS843241BM-100 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-150 RENESAS-ICS843241BM-150 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-300 RENESAS-ICS843241BM-300 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results


Similar Description - ICS84324

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843256 IDT-843256 Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
logo
Renesas Technology Corp
843256 RENESAS-843256 Datasheet
585Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
DECEMBER 18, 2014
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com