Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84324 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84324
Description  CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84324 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84324 Datasheet HTML 1Page - Integrated Circuit Systems ICS84324 Datasheet HTML 2Page - Integrated Circuit Systems ICS84324 Datasheet HTML 3Page - Integrated Circuit Systems ICS84324 Datasheet HTML 4Page - Integrated Circuit Systems ICS84324 Datasheet HTML 5Page - Integrated Circuit Systems ICS84324 Datasheet HTML 6Page - Integrated Circuit Systems ICS84324 Datasheet HTML 7Page - Integrated Circuit Systems ICS84324 Datasheet HTML 8Page - Integrated Circuit Systems ICS84324 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
84324EM
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 18, 2003
1
Integrated
Circuit
Systems, Inc.
ICS84324
CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS84324 is a Crystal-to-3.3V LVPECL Fre-
quency Synthesizer with Fanout Buffer and a mem-
ber of the HiPerClockS™ family of High Performance
Clock Solutions from ICS. Output frequency can be
programmed using frequency select pins. The low
phase noise characteristics of the ICS84324 make it an ideal clock
source for Fibre Channel 1 and Gigabit Ethernet applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6 differential 3.3V LVPECL outputs
• Crystal oscillator interface
• Output frequency range: 53.125MHz to 125MHz
• Crystal input frequency: 25MHz and 25.5MHz
• RMS phase jitter at 106.25MHz, using a 25.5MHz crystal
(637KHz to 10Mhz): 2.69ps
• Phase noise:
Offset
Noise Power
100Hz ................. -96 dBc/Hz
1KHz ................. -115 dBc/Hz
10KHz ................. -125 dBc/Hz
100KHz ................. -127 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial termperature information available upon request
HiPerClockS™
,&6
Q0:Q5
ICS84324
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
1
2
3
4
5
6
7
8
9
10
11
12
VCCO
F_SEL0
F_SEL1
MR
XTAL1
XTAL2
VEE
VCCA
VCC
PLL_SEL
VEE
VCCO
PLL
6/
Feedback
Divider
OSC
6/
Output
Divider
0
1
XTAL1
XTAL2
F_SEL1
PLL_SEL
MR
F_SEL0
nQ0:nQ5
24
23
22
21
20
19
18
17
16
15
14
13
FUNCTION TABLE
s
t
u
p
n
IL
A
T
Xy
c
n
e
u
q
e
r
F
t
u
p
t
u
O
R
M1
L
E
S
_
F0
L
E
S
_
FT
U
O
_
F
1X
X
W
O
L
00
0
z
H
M
5
.
5
2z
H
M
5
2
1
.
3
5
00
1
z
H
M
5
.
5
2z
H
M
5
2
.
6
0
1
01
0
z
H
M
5
2z
H
M
5
.
2
6
01
1
z
H
M
5
2z
H
M
5
2
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS84324

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BG RENESAS-ICS843241BG Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-100 RENESAS-ICS843241BM-100 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-150 RENESAS-ICS843241BM-150 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-300 RENESAS-ICS843241BM-300 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results

Similar Description - ICS84324

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843256 IDT-843256 Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
logo
Renesas Technology Corp
843256 RENESAS-843256 Datasheet
585Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
DECEMBER 18, 2014
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com