Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84325 Datasheet (PDF) - Integrated Circuit Systems

ICS84325 Datasheet PDF - Integrated Circuit Systems
Part # ICS84325
Download  ICS84325 Download
File Size   280.63 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER

ICS84325 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84325 Datasheet PDF - Integrated Circuit Systems

Part # ICS84325
Download  ICS84325 Click to download

File Size   280.63 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER

ICS84325 Datasheet (HTML) - Integrated Circuit Systems


ICS84325 Product details

GENERAL DESCRIPTION
The ICS84325 is a Crystal-to-3.3V LVPECL Frequency Synthesizer with Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The output frequency can be programmed using frequency select pins. The low phase noise characteristics of the ICS84325 make it an ideal clock source for Fibre Channel 1, Fibre Channel 2, Infiniband and Gigabit Ethernet applications.

FEATURES
• 6 differential 3.3V LVPECL outputs
• Crystal oscillator interface
• Output frequency range: 106.25MHz to 250MHz
• Crystal input frequency: 25MHz and 25.5MHz
• Output skew: 60ps (maximum)
• RMS phase jitter at 212.5MHz, using a 25.5MHz crystal (637KHz to 10MHz): 2.76ps
• Phase noise: Typical at 212.5MHz
    Offset                       Noise Power
    100Hz .................   -92 dBc/Hz
    1KHz .................    -112 dBc/Hz
    10KHz .................  -120 dBc/Hz
    100KHz ................ -122 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-Free package available.
• Industrial temperature information available upon request




Similar Part No. - ICS84325

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04 ICST-ICS843251AG-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04LF ICST-ICS843251AG-04LF Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04LFT ICST-ICS843251AG-04LFT Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04T ICST-ICS843251AG-04T Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
More results


Similar Description - ICS84325

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843256 IDT-843256 Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
logo
Renesas Technology Corp
843256 RENESAS-843256 Datasheet
585Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
DECEMBER 18, 2014
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com