Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84325 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84325
Description  CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84325 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84325 Datasheet HTML 1Page - Integrated Circuit Systems ICS84325 Datasheet HTML 2Page - Integrated Circuit Systems ICS84325 Datasheet HTML 3Page - Integrated Circuit Systems ICS84325 Datasheet HTML 4Page - Integrated Circuit Systems ICS84325 Datasheet HTML 5Page - Integrated Circuit Systems ICS84325 Datasheet HTML 6Page - Integrated Circuit Systems ICS84325 Datasheet HTML 7Page - Integrated Circuit Systems ICS84325 Datasheet HTML 8Page - Integrated Circuit Systems ICS84325 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
84325EM
www.icst.com/products/hiperclocks.html
REV. B OCTOBER 11, 2004
1
Integrated
Circuit
Systems, Inc.
ICS84325
CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
GENERAL DESCRIPTION
The ICS84325 is a Crystal-to-3.3V LVPECL
Frequency Synthesizer with Fanout Buffer and a
member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
output frequency can be programmed using
frequency select pins. The low phase noise characteristics
of the ICS84325 make it an ideal clock source for Fibre
Channel 1, Fibre Channel 2, Infiniband and Gigabit
Ethernet applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6 differential 3.3V LVPECL outputs
• Crystal oscillator interface
• Output frequency range: 106.25MHz to 250MHz
• Crystal input frequency: 25MHz and 25.5MHz
• Output skew: 60ps (maximum)
• RMS phase jitter at 212.5MHz, using a 25.5MHz crystal
(637KHz to 10MHz): 2.76ps
• Phase noise: Typical at 212.5MHz
Offset
Noise Power
100Hz ................. -92 dBc/Hz
1KHz ................. -112 dBc/Hz
10KHz ................. -120 dBc/Hz
100KHz ................. -122 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-Free package available.
• Industrial temperature information available upon request
HiPerClockS™
ICS
Q0:Q5
ICS84325
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VCCO
F_SEL0
F_SEL1
MR
XTAL1
XTAL2
VEE
VCCA
VCC
PLL_SEL
VEE
VCCO
PLL
Feedback
Divider
OSC
Output
Divider
0
1
6/
6/
XTAL1
XTAL2
F_SEL1
PLL_SEL
MR
F_SEL0
nQ0:nQ5
FUNCTION TABLE
s
t
u
p
n
IL
A
T
Xy
c
n
e
u
q
e
r
F
t
u
p
t
u
O
R
M1
L
E
S
_
F0
L
E
S
_
FT
U
O
_
F
1X
X
W
O
L
00
0
z
H
M
5
.
5
2z
H
M
5
2
.
6
0
1
00
1
z
H
M
5
.
5
2z
H
M
5
.
2
1
2
01
0
z
H
M
5
2z
H
M
5
2
1
01
1
z
H
M
5
2z
H
M
0
5
2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - ICS84325

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04 ICST-ICS843251AG-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04LF ICST-ICS843251AG-04LF Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04LFT ICST-ICS843251AG-04LFT Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251AG-04T ICST-ICS843251AG-04T Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
More results

Similar Description - ICS84325

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843256 IDT-843256 Datasheet
246Kb / 16P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
logo
Renesas Technology Corp
843256 RENESAS-843256 Datasheet
585Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer With/Integrated Fanout Buffer
DECEMBER 18, 2014
843256I RENESAS-843256I Datasheet
559Kb / 18P
FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer With Integrated Fanout Buffer
5/29/15
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com