Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44004AI04L Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS44004AI04L
Description  FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS44004AI04L Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS44004AI04L Datasheet HTML 1Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 2Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 3Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 4Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 5Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 6Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 7Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 8Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
844004AGI-04
www.icst.com/products/hiperclocks.html
REV. A JANUARY 26, 2006
1
Integrated
Circuit
Systems, Inc.
ICS844004I-04
FEMTOCLOCKS™CRYSTAL/LVCMOS-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
0
1
Phase
Detector
VCO
M = ÷32
OSC
÷4
÷1
0
1
0
1
0
1
0
1
GENERAL DESCRIPTION
The ICS844004I-04 is a 4 output LVDS
Synthesizer optimized to generate clock
frequencies for a variety of high performance
applications and is a member of the
HiPerClocksTM family of high perfor mance
clock solutions from ICS. This device can select its input
reference clock from either a crystal input or a single-
ended clock signal. It can be configured to generate 4
outputs with individually selectable divide-by-one or
divide-by-four function via the 4 frequency select pins
(F_SEL[3:0]). The ICS844004I-04 uses ICS’ 3rd generation
low phase noise VCO technology and can achieve 1ps
or lower typical r ms phase jitter. This ensures that it
will easily meet clocking requirements for SDH (STM-1/
STM-4/STM-16) and SONET (OC-3/OC12/OC-48). This
device is suitable for multi-rate and multiple por t line
card applications. The ICS844004I-04 is conveniently
packaged in a small 24-pin TSSOP package.
FEATURES
• Four LVDS outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following applications: SONET/SDH, SATA,
or 10Gb Ethernet
• Output frequency range: 140MHz - 170MHz,
560MHz - 680MHz
• VCO range: 560MHz - 680MHz
• Crystal oscillator and CLK range: 17.5MHz - 21.25MHz
• RMS phase jitter @ 622.08MHz output, using a 19.44MHz
crystal (12kHz - 20MHz): 0.71ps (typical)
• RMS phase jitter @ 156.25MHz output, using a 19.53125MHz
crystal (1.875MHz - 20MHz): 0.51ps (typical)
• RMS phase jitter @ 155.52MHz output, using a 19.44MHz
crystal (12kHz - 5MHz): 0.75ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
PIN ASSIGNMENT
ICS844004I-04
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQ1
Q1
VDDo
Q0
nQ0
MR
F_SEL3
nc
VDDA
F_SEL0
VDD
F_SEL1
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VDDO
Q3
nQ3
GND
F_SEL2
INPUT_SEL
CLK
GND
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
CLK
INPUT_SEL
MR
F_SEL0
F_SEL1
F_SEL2
F_SEL3
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
Pulldown
Pullup
Pullup
Pullup
Pullup
XTAL_IN
XTAL_OUT
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS44004AI04L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS44002A01L IDT-ICS44002A01L Datasheet
1Mb / 15P
FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS44002AI01 ICST-ICS44002AI01 Datasheet
163Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JANUARY 5, 2006
logo
Integrated Device Techn...
ICS44002AI01 IDT-ICS44002AI01 Datasheet
741Kb / 14P
FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS44004AI04L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A MAY 31, 2005
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A FEBRUARY 1, 2006
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com