Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS44004AI04L Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS44004AI04L
Description  FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS44004AI04L Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS44004AI04L Datasheet HTML 5Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 6Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 7Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 8Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 9Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 10Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 11Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 12Page - Integrated Circuit Systems ICS44004AI04L Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
844004AGI-04
www.icst.com/products/hiperclocks.html
REV. A JANUARY 26, 2006
9
Integrated
Circuit
Systems, Inc.
ICS844004I-04
FEMTOCLOCKS™CRYSTAL/LVCMOS-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
SCHEMATIC EXAMPLE
Figure 4 shows a schematic example for ICS844004i-04. In this
example, the input is a 19.44MHz parallel resonant crystal with
load capacitor CL=18pF. The 22pF frequency fine tuning
capacitors are used C1 and C2.This example also shows general
logic control input handling. For decoupling capacitors, it is
recommended to have one decouple capacitor per power pin.
C6
0.1u
VCCO
C9
0.1u
RD2
1K
R2
10
+
-
Logic Control Input Examples
Zo = 50 Ohm
Zo = 50 Ohm
RD1
Not Install
C1
27pF
RU1
1K
R3
100
VCC
VCCO
C7
0.1u
VCC
RU2
Not Install
X1
19.44MHz
C2
33pF
VCC
To Logic
Input
pins
U1
844004i-04
+
-
Set Logic
Input to
'0'
VCC
C8
0.1u
R4
100
VCCO=3.3V
Zo = 50 Ohm
Set Logic
Input to
'1'
18pF
To Logic
Input
pins
C4
0.01u
VCCA
C3
10uF
VCC=3.3V
Zo = 50 Ohm
FIGURE 4. ICS844004I-04 SCHEMATIC EXAMPLE
Each decoupling capacitor should be located as close as
possible to the power pin. The low pass filter R2, C3 and C4
should also be located as close to the VCCA pin as possible.
For LVDS driver, the unused output pairs should be terminated
with a 100
Ω resistor across.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com