Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5597 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC5597 Datasheet HTML 9Page - Analog Devices LTC5597 Datasheet HTML 10Page - Analog Devices LTC5597 Datasheet HTML 11Page - Analog Devices LTC5597 Datasheet HTML 12Page - Analog Devices LTC5597 Datasheet HTML 13Page - Analog Devices LTC5597 Datasheet HTML 14Page - Analog Devices LTC5597 Datasheet HTML 15Page - Analog Devices LTC5597 Datasheet HTML 16Page - Analog Devices LTC5597 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC5597
13
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Detector Error vs Output Load Current
(Positive=Sourcing, Negative=Sinking)
Output Voltage vs Supply Voltage
Power Measurement Error vs
Supply Voltage, Relative to 3.3V
Supply Current vs Supply Voltage
Supply Current vs RF Input Power
Output Voltage at No RF Input
Power Cumulative Distribution
Output Voltage at −35dBm
Cumulative Distribution
Output Voltage at −30dBm
Cumulative Distribution
Output Voltage at −25dBm
Cumulative Distribution
VCC = 3.3V, EN = 3.3V, TC= 25°C. CW, 50Ω Source
at RFIN, fRF = 2.7GHz, test circuit is shown in Figure 1.
5597 G49
-40 -30 -20 -10
0
10
20
30
40
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
OUTPUT CURRENT (mA)
5dBm
-5dBm
-15dBm
-25dBm
-35dBm
5597 G50
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
5dBm
-5dBm
-15dBm
-25dBm
-35dBm
5597 G51
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
SUPPLY VOLTAGE (V)
5dBm
-5dBm
-15dBm
-25dBm
-35dBm
5597 G52
0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6
40
35
30
25
20
15
10
5
0
SUPPLY VOLTAGE (V)
5dBm
-5dBm
-15dBm
-25dBm
-35dBm
-45dBm
5597 G53
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
40
38
36
34
32
30
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
0
0.4
0.8
1.2
1.6
2.0
100
80
60
40
20
0
OUTPUT VOLTAGE (mV)
125°C
105°C
25°C
-40°C
5597 G54
60
80
100
120
140
160
100
80
60
40
20
0
OUTPUT VOLTAGE (mV)
125°C
105°C
25°C
-40°C
5597 G55
220
240
260
280
300
320
100
80
60
40
20
0
OUTPUT VOLTAGE (mV)
125°C
105°C
25°C
-40°C
5597 G56
360
380
400
420
440
460
100
80
60
40
20
0
OUTPUT VOLTAGE (mV)
125°C
105°C
25°C
-40°C
5597 G57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com