Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5597 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC5597
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5597 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC5597 Datasheet HTML 14Page - Analog Devices LTC5597 Datasheet HTML 15Page - Analog Devices LTC5597 Datasheet HTML 16Page - Analog Devices LTC5597 Datasheet HTML 17Page - Analog Devices LTC5597 Datasheet HTML 18Page - Analog Devices LTC5597 Datasheet HTML 19Page - Analog Devices LTC5597 Datasheet HTML 20Page - Analog Devices LTC5597 Datasheet HTML 21Page - Analog Devices LTC5597 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LTC5597
21
Rev. 0
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PACKAGE DESCRIPTION
2.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
±0.10
0.50
±0.10
BOTTOM VIEW—EXPOSED PAD
0.20
±0.10
0.75
±0.05
R = 0.115
TYP
1.55
±0.10
(2 SIDES)
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC) DFN 0616 REV A
0.23
±0.05
0.50 BSC
0.25
±0.05
1.60
±0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.25
±0.05
1.15
±0.05
0.70
±0.05
2.55
±0.05
PACKAGE OUTLINE
0.50 BSC
PIN 1 NOTCH
R = 0.15
DC Package
8-Lead Plastic DFN (2mm
× 2mm), Flip Chip
(Reference LTC DWG # 05-08-1957 Rev A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com