Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8045
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 4 Page - Analog Devices

  LTM8045 Datasheet HTML 1Page - Analog Devices LTM8045 Datasheet HTML 2Page - Analog Devices LTM8045 Datasheet HTML 3Page - Analog Devices LTM8045 Datasheet HTML 4Page - Analog Devices LTM8045 Datasheet HTML 5Page - Analog Devices LTM8045 Datasheet HTML 6Page - Analog Devices LTM8045 Datasheet HTML 7Page - Analog Devices LTM8045 Datasheet HTML 8Page - Analog Devices LTM8045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTM4693
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
1.8VOUT Efficiency,
1MHz, Burst Mode Operation
1.8VOUT Efficiency, 1MHz, CCM
2.5VOUT Efficiency, 1MHz,CCM
2.5VOUT Efficiency, 1MHz, Burst
Mode Operation
3.3VOUT Efficiency, 1MHz, CCM
3.3VOUT Efficiency,
1MHz, Burst Mode Operation
5VOUT Efficiency, 1MHz, CCM
5VOUT Efficiency,
1MHz, Burst Mode Operation
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
60
65
70
75
80
85
90
95
100
4693 G01
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
60
65
70
75
80
85
90
95
100
4693 G03
VIN = 2.6V
VIN = 3.3V
VIN = 4.2V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
60
65
70
75
80
85
90
95
100
4693 G05
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
60
65
70
75
80
85
90
95
100
4693 G07
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
4693 G02
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
4693 G04
VIN = 2.6V
VIN = 3.3V
VIN = 4.2V
VIN = 5V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
4693 G06
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
4693 G08
Output Ripple
500ns/DIV
4693 G09
VOUT
AC-COUPLED
20mV/DIV
VIN = 3.3V, VOUT = 3.3V, fSW = 2.2MHz
ILOAD = 0.8A, COUT = 22 F CERAMIC CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com