Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8045
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 3 Page - Analog Devices

  LTM8045 Datasheet HTML 1Page - Analog Devices LTM8045 Datasheet HTML 2Page - Analog Devices LTM8045 Datasheet HTML 3Page - Analog Devices LTM8045 Datasheet HTML 4Page - Analog Devices LTM8045 Datasheet HTML 5Page - Analog Devices LTM8045 Datasheet HTML 6Page - Analog Devices LTM8045 Datasheet HTML 7Page - Analog Devices LTM8045 Datasheet HTML 8Page - Analog Devices LTM8045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTM4693
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4693 is tested under pulsed load conditions such
that TJ ≈ TA. The LTM4693E is guaranteed to meet performance
specifications over the 0°C to 85°C internal operating temperature
range. Specifications over the full –40°C to 125°C internal operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4693I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the maximum operating junction temperature
may impair device reliability or permanently damage the device.
Note 4: See output current derating curves for different VIN, VOUT and
ambient temperature.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
l
2.6
5.5
V
Output Voltage Range
VIN = 2.6V to 5.5V
l
1.8
5.5
V
Output DC Voltage
RFB = 26.2kΩ
3.3
V
Feedback Pin Voltage
l
0.98
1.0
1.02
V
RUN/UVLO Pin Rising Threshold
l
1.16
1.2
1.24
V
RUN/UVLO Pin Falling Threshold
l
1.06
1.1
1.16
V
RUN/UVLO Pin Input Leakage Current
RUN/UVLO = 5V
1
50
nA
RUN/UVLO Pin Shutdown Threshold
l
0.27
0.45
0.60
V
Shutdown Current: VIN
RUN/UVLO = 0V
1
2
µA
Input Supply Bias Current
MODE = VIN
20
mA
MODE = GND
15
µA
Output Current Limit
3.5
A
Line Regulation Accuracy
VIN = 2.6V to 5.5V, IOUT = 10mA
l
0.06
0.06
0.15
0.7
%/V
%/V
Load Regulation Accuracy
IOUT = 0A to 2A (Note 4)
l
0.1
1
%
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, fSW = 2.2MHz
5
mV
Switching Frequency
External RT = 90.9kΩ
l
1.9
2.2
2.5
MHz
Oscillator Programmable Frequency Range
Programmed at FREQ, VIN = 2.9V
1
4
MHz
MODE/SYNC Applied Clock Frequency
VIN = 2.9V
l
1
4
MHz
Soft-Start Period
CSS = 2.7nF
2.2
ms
External SS Regulation Voltage
Capacitor to GND Sets SS Time
1
V
Feedback Pin Input Current
0
50
nA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 3.8V, VOUT = 3.3V unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com