Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38904DEVK Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX38904DEVK
Description  Evaluates the MAX38904D IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38904DEVK Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX38904DEVK Datasheet HTML 1Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 2Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 3Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 4Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 5Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX38904D
MAX38904D WLP Evaluation Kit
Detailed Description of Hardware
The MAX38904D WLP EV kit evaluates the MAX38904D
in a WLP package. The MAX38904D is a low noise
linear regulator that delivers 2A of output current with
only 5.1µVRMS of output noise from 10Hz to 100kHz.
This regulator requires only 100mV of input-to-output
headroom at full load.
The MAX38904D WLP EV kit operates over an input
range of 1.7V to 5.5V. The EV kit comes with the
MAX38904DANL15+ installed and the output voltage is
factory preset to 1.5V. The EV kit output can be reconfigured
to other voltages from 0.7V to 5.0V in 50mV steps by
replacing U1 with another MAX38904D, preset to the
desired voltage level. Refer to the MAX38904 IC data
sheet for the MAX38904D output voltage selection.
EN (Enable)
The EV kit provides a jumper JU1 to enable or disable
the MAX38904D. Refer to Table 1 for jumper setting of
jumper JU1.
Table 1. EN (JU1)
*Default position.
#Denotes RoHS
Note: Indicate that you are using the MAX38904D when
contacting these component suppliers.
SUPPLIER
WEBSITE
Kemet
www.kemet.com
Murata/TOKO
www.murata.com
TDK
www.tdk.com
Samsung Electro-Mechanics
America. Inc.
www.samsungsem.com
PART
TYPE
MAX38904DEVK#WLP
EV Kit
SHUNT POSITION
DESCRIPTION
1-2*
Enabled. EN = IN*
2-3
Disabled. EN = GND
Ordering Information
Component Suppliers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com