Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38904DEVK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX38904DEVK
Description  Evaluates the MAX38904D IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38904DEVK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX38904DEVK Datasheet HTML 1Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 2Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 3Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 4Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 5Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX38904D
MAX38904D WLP Evaluation Kit
MAX38904D WLP EV Kit Bill of Materials
ITEM
REF_DES DNI/DNP QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1
—
1
C0603C473K5RAC;
GRM188R71H473KA61;
GCM188R71H473KA55;
CGA3E2X7R1H473K080AA
KEMET; MURATA;
MURATA; TDK
0.047µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.047µF; 50V;
TOL = 10%; MODEL = X7R; TG = -55°C TO +125°C; TC = X7R
2
C2, C3
—
2
GRM31CR70J226K;
GCM31CR70J226KE23
MURATA;
MURATA
22µF
CAPACITOR; SMT (1206); CERAMIC CHIP; 22µF; 6.3V; TOL = 10%;
MODEL = GRM SERIES; TG = -55°C TO +125°C; TC = X7R
3
GND, IN,
OUT
—
3
108-0740-001
EMERSON
NETWORK POWER
108-0740-001
CONNECTOR; MALE; PANELMOUNT;
BANANA JACK; STRAIGHT; 1PIN
4
JU1
—
1
PEC03SAAN
SULLINS
PEC03SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 3PINS
5
SU1
—
1
STC02SYAN
SULLINS
ELECTRONICS
CORP.
STC02SYAN
TEST POINT; JUMPER; STR; TOTAL LENGTH = 0.256IN; BLACK;
INSULATION = PBT CONTACT = PHOSPHOR BRONZE;
COPPER PLATED TIN OVERALL
6
U1
—
1
MAX38904DANL15+
MAXIM
MAX38904DANL15+
EVKIT PART - IC; MAX38904DANL15+; 2A LOW NOISE LDO
LINEAR REGULATOR; PACKAGE OUTLINE DRAWING: 21-100315;
PACKAGE CODE: N151B2+1
7
PCB
—
1
MAX38904DWLP
MAXIM
PCB
PCB:MAX38904DWLP
8
C4
DNP
0
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 NON-POLAR CAPACITOR
9
R3
DNP
0
N/A
N/A
SHORT
PACKAGE OUTLINE 0603 RESISTOR
10
TOTAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com